Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP4227G-2 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP4227G-2
Description  TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4227G-2 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP4227G-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP4227G-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP4227G-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP4227G-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP4227G-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP4227G-2 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP4227G,TLP4227G-2
2002-04-18
4
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
50
10
3
5
1
0.3
0.5
0.1
ION – VON
On-state voltage VON (V)
Ambient temperature Ta (°C)
RON – Ta
ION = 150 mA
t
< 1s
15
0
-20
0
20
40
80
100
60
5
10
20
Ambient temperature Ta (°C)
IFC – Ta
0
-20
60
20
40
80
100
120
100
80
60
40
20
0
0
-20
300
120
100
80
60
40
20
0
250
200
150
50
100
Ta
= 25°C
-2
-1
0
2
1
200
-200
-100
0
100
ION = 150 mA
0
-40
5
100
80
60
40
20
0
-20
4
3
2
1


Similar Part No. - TLP4227G-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4227G-2 TOSHIBA-TLP4227G-2 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
More results

Similar Description - TLP4227G-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G_14 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
TLP192G TOSHIBA-TLP192G Datasheet
139Kb / 6P
   Photocoupler Photorelay PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com