Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TD74BC574P Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TD74BC574P
Description  Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD74BC574P Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TD74BC574P Datasheet HTML 1Page - Toshiba Semiconductor TD74BC574P Datasheet HTML 2Page - Toshiba Semiconductor TD74BC574P Datasheet HTML 3Page - Toshiba Semiconductor TD74BC574P Datasheet HTML 4Page - Toshiba Semiconductor TD74BC574P Datasheet HTML 5Page - Toshiba Semiconductor TD74BC574P Datasheet HTML 6Page - Toshiba Semiconductor TD74BC574P Datasheet HTML 7Page - Toshiba Semiconductor TD74BC574P Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TD74BC574P/F
2002-07-11
4
Electrical Characteristics
DC Characteristics (unless otherwise specified, VCC
==== 4.5 V to 5.5 V, Ta ==== ----40°°°°C to 85°°°°C)
Characteristics
Symbol
Test Condition
VCC
Min
Typ.
(Note 1)
Max
Unit
High level
VIH
¾
¾
2.0
¾
¾
Input voltage
Low level
VIL
¾
¾
¾
¾
0.8
V
Input clamp voltage
VIK
IIK = -18 mA
4.5
¾
¾
-1.2
V
IOH = -3.0 mA
4.5
2.4
3.4
¾
High level
VOH
IOH = -3.0 mA
4.75
2.7
3.4
¾
Output voltage
Low level
VOL
IOL = 24 mA
4.5
¾
¾
0.5
V
II
VIN = VCC
5.5
¾
¾
±1.0
IIH
VIN = 2.7 V
5.5
¾
¾
±1.0
Input current (all input pins)
IIL
VIN = 0.5 V or GND
5.5
¾
¾
±1.0
mA
IOZH
VO = 2.7 V
5.5
¾
¾
50
3-state OFF leakage current
IOZL
VO = 0.5 V
5.5
¾
¾
-50
mA
Output short current
(Note 2)
IOS
VO = GND
5.5
-60
¾
-180
mA
ICCL
VIN = VCC or ground
All outputs are low.
5.5
¾
20
27
mA
ICCH
VIN = VCC or ground
All outputs are high.
5.5
¾
10
50
Quiescent supply current (total)
ICCZ
VIN = VCC or ground
All outputs are in the
high-impedance state.
5.5
¾
10
50
mA
DICC1
One input: VIN = 0.5 V
Other inputs: VCC or GND
¾
¾
¾
1.5
Quiescent supply current (each bit)
DICC2
One input: VIN = VCC - 2.1 V
Other inputs: VCC or GND
¾
¾
¾
1.5
mA
Note 1: Typical value is measured at VCC = 5.0 V and Ta = 25°C.
Note 2: Only one output at a time should be shorted. Duration should not exceed one second.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVQ374 Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVX574 Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
SN74F574 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1  2  3  4  5  Texas Instruments
74AC11374 OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
74ACQ374 Quiet Series™ Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VHCT374A Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
DM74LS534 Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  Fairchild Semiconductor
74F564 Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ABT374 Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
DM74LS574 Octal D-Type Flip-Flop with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn