Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP15VK4I Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY100EP15VK4I
Description  3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP15VK4I Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY100EP15VK4I Datasheet HTML 1Page - Micrel Semiconductor SY100EP15VK4I Datasheet HTML 2Page - Micrel Semiconductor SY100EP15VK4I Datasheet HTML 3Page - Micrel Semiconductor SY100EP15VK4I Datasheet HTML 4Page - Micrel Semiconductor SY100EP15VK4I Datasheet HTML 5Page - Micrel Semiconductor SY100EP15VK4I Datasheet HTML 6Page - Micrel Semiconductor SY100EP15VK4I Datasheet HTML 7Page - Micrel Semiconductor SY100EP15VK4I Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ECL Pro™
SY100EP15V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
(1)
Maximum Frequency
2.5
2.5
2.5
GHz
tPD
PropagationDelay to Output
PECL/ECL
Diff. IN-to-Q
275
425
275
375
425
275
425
ps
IN (Single-Ended)-to-Q
250
450
250
400
450
250
450
ps
SEL-to-Q
250
450
250
400
450
250
450
ps
LVPECL/LVECL
Diff. IN-to-Q
275
425
275
375
425
275
425
ps
IN (Single-Ended)-to-Q
250
450
250
400
450
250
450
ps
SEL-to-Q
250
450
250
400
450
250
450
ps
tSKEW
(2)
Within-Device Skew
(Diff.)
25
15
25
25
ps
Part-to-Part Skew
(Diff.)
150
100
150
150
ps
tS
(3)
Set-Up Time
/EN to CLK
100
0
100
0
100
0
ps
tH
(3)
Hold Time
/EN to CLK
200
50
200
50
200
50
ps
tJITTER
Cycle-to-Cycle Jitter(4)
0.2
1
0.2
1
0.2
1
ps
RMS
Total Jitter (622MHz clock)(5)
<20
<20
<20
ps
PP
VID
Input Voltage Range
150
800
1200
150
800
1200
150
800
1200
mV
tr, tf
Output Rise/Fall Times
75
225
75
130
225
85
225
ps
(20% to 80%)
Notes:
1. f
MAX is defined as the maximum toggle frequency. Measured with 750mV input signal, 50% duty cycle, output swing ≥ 400mV(diff), all loading with
50Ω to VCC–2V.
2. Skew is measured between outputs under identical transitions.
3. Set-up and hold times apply to synchronous applications that intend to enable/disable before then ext clock cycle. For asynchronous applications,
set-up and hold time does not apply.
4. Cycle-to-cycle jitter definition: The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. T
JITTER_CC =Tn–Tn+1
where T is the time between rising edges of the output signal.
5. Total jitter definition: with an ideal clock input applied to one channel of the MUX, no more than one output edge in 1012 output edges will deviate by
more than the specified peak-to-peak jitter value.
AC ELECTRICAL CHARACTERISTICS
LVPECL: V
CC = 2.97V to 3.63V, VEE = 0V; PECL: VCC = 4.5V to 5.5V, VEE = 0V
ECL: V
CC = 0V, VEE = –4.5V to –5.5V; LVECL: VCC = 0V, VEE = –2.97V to –3.63V


Similar Part No. - SY100EP15VK4I

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTG MICREL-SY100EP111UTG Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTR MICREL-SY100EP111UTGTR Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTX MICREL-SY100EP111UTGTX Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results

Similar Description - SY100EP15VK4I

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89830U MICREL-SY89830U Datasheet
125Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89830U MICREL-SY89830U_05 Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com