Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6562S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN6562S
Description  Dual Operational Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6562S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN6562S Datasheet HTML 1Page - Panasonic Semiconductor AN6562S Datasheet HTML 2Page - Panasonic Semiconductor AN6562S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
s Overview
The AN1358 (AN6562)and AN1358S (AN6562S) are
dual operational amplifiers with two phase compensa-
tion circuits built-in, have a wide range of operaing sup-
ply voltage, and can operate on a single power supply.
They have electrical characteristics equivalent to those
of the conventional operational amplifiers, and are low-
powered and suitable for application to various circuits.
Note) The type numbers in ( ) are old ones.
s Features
• Built-in phase compensation circuits
• Wide range of input voltage:0V to VCC–1.5V
• Wide range of operating supply voltage:
Single power supply:3 to 30V
Dual power supply:
±1.5 to ±15V
AN1358 (AN6562),
AN1358S (AN6562S)
Dual Operational Amplifiers
s Block Diagram
Unit:mm
1
2
3
4
6.3
±0.3
3.8
±0.25
8-pin DIL Plastic Package (DIP008-P-0300B)
(3.45)
7.62
±0.25
3—15˚
0.15
+ 0.1
– 0.05
AN1358 (AN6562)
0.51min.
8
7
6
5
Unit:mm
AN1358S (AN6562S)
1
2
3
4
0.3
4.2
±0.3
6.5
±0.3
8-pin PANAFLAT Plastic Package (SOP008-P-0225A)
8
7
6
5
VCC
VO2
VEE
(GND)
1
2
3
4
8
7
6
5
Vin1
VO1
Vin1
+
Vin2
Vin2
+
+
+
1
2


Similar Part No. - AN6562S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6561 PANASONIC-AN6561 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6561L PANASONIC-AN6561L Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6564 PANASONIC-AN6564 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
AN6564NS PANASONIC-AN6564NS Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
More results

Similar Description - AN6562S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com