Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC471D-20A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SVC471D-20A
Description  CERAMIC SURGE ABSORBERS (VARISTORS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SVC471D-20A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SVC471D-20A Datasheet HTML 1Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 2Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 3Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 4Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 5Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 6Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 7Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 8Page - List of Unclassifed Manufacturers SVC471D-20A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
46
CERAMIC SURGE ABSORBERS (VARISTORS)
SPECIFICATION
SVC
Device
Type
SVC 180D-05B
SVC 180D-07B
SVC 180D-10B
SVC 180D-14B
SVC 180D-20B
5
7
10
14
20
11
14
0.3
0.8
1.5
3.5
10.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
18
16
20
40
36
36
36
36
1
2.5
5
10
20
1700
3500
7000
1400
28000
SVC 220D-05B
SVC 220D-07B
SVC 220D-10B
SVC 220D-14B
SVC 220D-20B
5
7
10
14
20
14
18
0.4
0.9
2.0
4.0
13.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
22
20
24
48
43
43
43
43
1
2.5
5
10
20
1200
2500
5000
11000
22000
SVC 270D-05B
SVC 270D-07B
SVC 270D-10B
SVC 270D-14B
SVC 270D-20B
5
7
10
14
20
17
22
0.5
1.0
2.5
5.0
15.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
27
24
30
60
53
53
54
53
1
2.5
5
10
20
1100
2000
4500
9000
18000
SVC 330D-05B
SVC 330D-07B
SVC 330D-10B
SVC 330D-14B
SVC 330D-20B
5
7
10
14
20
20
26
0.6
1.2
3.0
6.0
20.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
33
30
36
73
65
65
65
65
1
2.5
5
10
20
1000
2000
4000
8000
16000
SVC 390D-05B
SVC 390D-07B
SVC 390D-10B
SVC 390D-14B
SVC 390D-20B
5
7
10
14
20
25
31
0.8
1.5
3.5
7.0
24.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
39
35
43
86
77
77
77
77
1
2.5
5
10
20
800
1600
3200
6500
13000
SVC 470D-05B
SVC 470D-07B
SVC 470D-10B
SVC 470D-14B
SVC 470D-20B
5
7
10
14
20
30
38
1.0
1.8
4.5
8.5
30.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
47
42
52
104
93
93
93
93
1
2.5
5
10
20
700
1400
2800
5500
11000
SVC 560D-05B
SVC 560D-07B
SVC 560D-10B
SVC 560D-14B
SVC 560D-20B
5
7
10
14
20
35
45
1.0
2.2
5.5
10.5
35.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
56
50
62
123
110
110
110
110
1
2.5
5
10
20
600
1300
2500
5000
10000
SVC 680D-05B
SVC 680D-07B
SVC 680D-10B
SVC 680D-14B
SVC 680D-20B
5
7
10
14
20
40
56
1.2
2.5
6.5
12.0
40.0
0.01
0.02
0.05
0.1
0.2
125
250
500
1000
2000
68
61
75
150
135
135
135
135
1
2.5
5
10
20
500
1000
2000
4000
8000
SVC 820D-05B
SVC 820D-07B
SVC 820D-10B
SVC 820D-14B
SVC 820D-20B
5
7
10
14
20
50
65
1.7
3.5
8.0
14.0
27.0
0.1
0.25
0.4
0.6
1.0
250
600
1250
2500
4000
82
74
90
145
135
135
135
135
5
10
25
50
100
400
800
1500
3000
6000
SVC 101D-05B
SVC 101D-07B
SVC 101D-10B
SVC 101D-14B
SVC 101D-20B
5
7
10
14
20
60
85
2.0
4.0
10.0
18.0
30.0
0.1
0.25
0.4
0.6
1.0
250
600
1250
2500
4000
100
90
110
175
165
165
165
165
5
10
25
50
100
350
700
1500
3000
6000
SVC 121D-05B
SVC 121D-07B
SVC 121D-10B
SVC 121D-14B
SVC 121D-20B
5
7
10
14
20
75
100
2.5
5.0
12.0
20.0
40.0
0.1
0.25
0.4
0.6
1.0
250
600
1250
2500
4000
120
108
132
210
200
200
200
200
5
10
25
50
100
350
700
1300
2600
5200
SVC 151D-05B
SVC 151D-07B
SVC 151D-10B
SVC 151D-14B
SVC 151D-20B
5
7
10
14
20
95
125
3.0
6.0
16.0
25.0
50.0
0.1
0.25
0.4
0.6
1.0
250
600
1250
2500
4000
150
135
165
260
250
250
250
250
5
10
25
50
100
250
500
1000
2000
4000
SVC 201D-05B
SVC 201D-07B
SVC 201D-10B
SVC 201D-14B
SVC 201D-20B
5
7
10
14
20
130
170
4.0
10.0
20.0
35.0
70.0
0.1
0.25
0.4
0.6
1.0
250
600
1250
2500
4000
200
185
225
355
340
340
340
340
5
10
25
50
100
200
400
800
1600
3200
SVC 221D-05B
SVC 221D-07B
SVC 221D-10B
SVC 221D-14B
SVC 221D-20B
5
7
10
14
20
140
180
4.5
10.0
23.0
40.0
75.0
0.1
0.25
0.4
0.6
1.0
250
600
1250
2500
4000
220
198
242
380
360
360
360
360
5
10
25
50
100
170
350
700
1400
2800
SVC 241D-05B
SVC 241D-07B
SVC 241D-10B
SVC 241D-14B
SVC 241D-20B
5
7
10
14
20
150
200
5.0
10.0
25.0
40.0
80.0
0.1
0.25
0.4
0.6
1.0
250
600
1250
2500
4000
240
216
264
415
395
395
395
395
5
10
25
50
100
170
350
700
1300
2600
Chip
Element
Size
Maximum ratings
Characteristics
Nominal varistor④
peak voltage
Typical
capacitance
Max. clamping⑤
voltage @ test
current
(8/20㎲)
Applied voltage
RMS
50/60Hz
(25℃)
Average
power
dissipation
Peak③
current
(8/20㎲)
DC
(25℃)
Energy②
Transient
Dia
(mm)
V acm
(Volts)
V dcm
(Volts)
W tm
(Joules)
Ptam
(Watts)
Itm
(Amps)
Vnom
(Volts)
Tolerance
Vc
(Volts)
Ip
(Amps)
f=1kHz
(pF)
Min
(Volts)
Max
(Volts)


Similar Part No. - SVC471D-20A

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
SVC471D-20A SAMWHA-SVC471D-20A Datasheet
2Mb / 10P
   SVC Varistors Type
More results

Similar Description - SVC471D-20A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
   Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com