![]() |
Electronic Components Datasheet Search |
|
MAX2751 Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX2751 Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 2 page ![]() Quick Start The MAX2750/MAX2751/MAX2752 EV kits are fully assembled and factory tested. Follow the instructions in the Connections and Setup section for proper device evaluation. Test Equipment Required This section lists the recommended test equipment to verify operation of the MAX2750/MAX2751/MAX2752. It is intended as a guide only, and some substitutions are possible. • A two-channel power supply at +2.7V to +5.5V • An ammeter (optional) • An RF spectrum analyzer (HP 8561E, for example) that covers the operating frequency range of the MAX2750/MAX2751/MAX2752, as well as a few har- monics • A 50 Ω SMA cable Connections and Setup This section provides a step-by-step guide to the func- tions and operation of these EV kits. 1) Connect a DC supply set to +3V (through an amme- ter, if desired) to the VCC and GND terminals on the EV kit. 2) Apply +3V to the SHDN control input. 3) Turn on the DC supply. The supply current should read about 10mA. 4) Connect the VCO output to a spectrum analyzer with a 50 Ω coaxial cable (minimize length). 5) Apply a variable DC voltage to the TUNE input (+0.4V to +2.4V). 6) Check fMIN and fMAX on the spectrum analyzer by varying the tuning voltage. 7) Check the output power level (-3dBm typ). General Description The MAX2750/MAX2751/MAX2752 evaluation kits (EV kits) simplify evaluation of the MAX2750/MAX2751/ MAX2752 VCOs. These kits enable testing of the devices’ RF performance and require no additional support circuitry. The signal output uses an SMA con- nector to facilitate the connection to RF test equipment. Features o Easy Evaluation of MAX2750/MAX2751/MAX2752 o +2.7V to +5.5V Single-Supply Operation o RF Output Matched to 50Ω o All Critical Peripheral Components Included MAX2750/MAX2751/MAX2752 Evaluation Kits ________________________________________________________________ Maxim Integrated Products 1 19-1825; Rev 0; 10/00 Component List PART MAX2750EVKIT MAX2751EVKIT -40°C to +85°C -40°C to +85°C TEMP. RANGE IC-PACKAGE 8 µMAX 8 µMAX Ordering Information Component Suppliers MAX2750EUA, MAX2751EUA, or MAX2752EUA 1 U1 3-pin headers 4 JU1 SMA connector (PC edge mount) EFJohnson 142-0701-801 1 OUT 1k Ω ±5% resistors (0603) 2 R1, R2 220pF ±5% ceramic capacitors (0603) Murata GRM39COH0G221J50 4 C2, C3, C4, C5 DESCRIPTION QTY DESIGNATION MAX2752EVKIT -40°C to +85°C 8 µMAX For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. 0.1µF ±5% ceramic capacitors (0603) Taiyo Yuden EMK107BJ104KA 2 C1, C6 NOTE: Please indicate that you are using the MAX2750, MAX2751, or MAX2752 when contacting these component suppliers. SUPPLIER PHONE FAX Murata Electronics 800-831-9172 814-238-0490 Taiyo Yuden 408-573-4150 408-573-4159 |
Similar Part No. - MAX2751 |
|
Similar Description - MAX2751 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |