Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6203BGNY173 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6203BGNY173
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6203BGNY173 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6203BGNY173 Datasheet HTML 2Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 3Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 4Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 5Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 6Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 7Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 8Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 9Page - Texas Instruments TMS320C6203BGNY173 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
TMS320C6203B
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS086M − JANUARY 1999 − REVISED MARCH 2004
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
C62x device compatibility
The TMS320C6202, C6202B, C6203B, and C6204 devices are pin-compatible; thus, making new system
designs easier and providing faster time to market. The following list summarizes the C62x DSP device
characteristic differences:
D Core Supply Voltage (1.8 V versus 1.7 V versus 1.5 V)
The C6202 device core supply voltage is 1.8 V while the C6202B, C6203B, C6204 devices have core supply
voltages of 1.5 V. The C6203B device (GLS, GNY, and GNZ packages) also has a 1.7-V core supply voltage.
D Device Clock Speeds
The C6202B and C6203B devices run at −250 and −300 MHz clock speeds (with a C620xBGNZA extended
temperature device that also runs at −250 MHz), while the C6202 device runs at −200 and −250 MHz, and
the C6204 device runs at −200 MHz clock speed.
D PLL Options Availability
Table 1 identifies the available PLL multiply factors [e.g., CLKIN x1 (PLL bypassed), x4, etc.] for each of the
C62x DSP devices. For additional details on the PLL clock module and specific options for the C6203B
device, see the Clock PLL section of this data sheet.
For additional details on the PLL clock module and specific options for the C6202/02B devices, see the
Clock PLL
section of the TMS320C6202, TMS320C6202B Fixed-Point Digital Signal Processors Data
Shee
t (literature number SPRS104).
And for additional details on the PLL clock module and specific options for the C6204 device, see the Clock
PLL
section of the TMS320C6204 Fixed-Point Digital Signal Processor Data Sheet (literature number
SPRS152).
D On-Chip Memory Size
The C6202/02B, C6203B, and C6204 devices have different on-chip program memory and data memory
sizes (see Table 1).
D McBSPs
The C6202, C6202B, and C6203B devices have three McBSPs while the C6204 device has two McBSPs
on-chip.
For a more detailed discussion on migration concerns, and similarities/differences between the C6202,
C6202B, C6203B, and C6204 devices, see the How to Begin Development Today and Migrate Across the
TMS320C6202/02B/03B/04 DSPs Application Report
(literature number SPRA603).


Similar Part No. - TMS320C6203BGNY173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6203BGNY173 TI1-TMS320C6203BGNY173 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203BGNY173 TI1-TMS320C6203BGNY173 Datasheet
1Mb / 108P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6203BGNY173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com