Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W320-03 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part No. W320-03
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

W320-03 Datasheet(HTML) 2 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
W320-03
PRELIMINARY
Document #: 38-07248 Rev. **
Page 2 of 19
Pin Summary
Name
Pins
Description
REF
56
3.3V 14.318-MHz clock output
XTAL_IN
2
14.318-MHz crystal input
XTAL_OUT
3
14.318-MHz crystal input
CPU, CPU# [0:2]
44, 45, 48, 49, 51, 52
Differential CPU clock outputs
3V66_0
33
3.3V 66-MHz clock output
3V66_1/VCH
35
3.3V selectable through SMBus to be 66 MHz or 48 MHz
66IN/3V66_5
24
66-MHz input to buffered 66BUFF and PCI or 66-MHz clock from
internal VCO
66BUFF [2:0] /3V66 [4:2]
21, 22, 23
66-MHz buffered outputs from 66Input or 66-MHz clocks from internal
VCO
PCI_F [0:2]
5, 6, 7,
33 MHz clocks divided down from 66Input or divided down from 3V66
PCI [0:6]
10, 11, 12, 13, 16, 17, 18
PCI clock outputs divided down from 66Input or divided down from
3V66
USB
39
Fixed 48-MHz clock output
DOT
38
Fixed 48-MHz clock output
S2
40
Special 3.3V 3 level input for Mode selection
S1, S0
54, 55
3.3V LVTTL inputs for CPU frequency selection
IREF
42
A precision resistor is attached to this pin which is connected to the
internal current reference
MULT0
43
3.3V LVTTL input for selecting the current multiplier for the CPU out-
puts
PWR_DWN#
25
3.3V LVTTL input for Power_Down# (active LOW)
PCI_STOP#
34
3.3V LVTTL input for PCI_STOP# (active LOW)
CPU_STOP#
53
3.3V LVTTL input for CPU_STOP# (active LOW)
PWRGD#
28
3.3V LVTTL input is a level sensitive strobe used to determine when
S[2:0] and MULTI0 inputs are valid and OK to be sampled (Active
LOW). Once PWRGD# is sampled LOW, the status of this output will
be ignored.
SDATA
29
SMBus compatible SDATA
SCLK
30
SMBus compatible Sclk
VDD_REF, VDD_PCI,
VDD_3V66, VDD_CPU
1, 8, 14, 19, 32, 46, 50
3.3V power supply for outputs
VDD_48 MHz
37
3.3V power supply for 48 MHz
VDD_CORE
26
3.3V power supply for PLL
GND_REF, GND_PCI,
GND_3V66, GND_IREF,
VDD_CPU
4, 9, 15, 20, 31, 36, 41, 47 Ground for outputs
GND_CORE
27
Ground for PLL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn