Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1339G-133BGC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1339G-133BGC
Description  4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339G-133BGC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1339G-133BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 13Page - Cypress Semiconductor CY7C1339G-133BGC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PRELIMINARY
CY7C1339G
Document #: 38-05520 Rev. *A
Page 10 of 17
Switching Characteristics Over the Operating Range[12, 13, 14, 15, 16, 17]
Parameter
Description
250 MHz
200 MHz
166 MHz
133 MHz
Unit
Min.
Max
Min.
Max
Min.
Max
Min.
Max
tPOWER
VDD(Typical) to the first Access
[12]
1
1
1
1
ms
Clock
tCYC
Clock Cycle Time
4.0
5.0
6.0
7.5
ns
tCH
Clock HIGH
1.7
2.0
2.5
3.0
ns
tCL
Clock LOW
1.7
2.0
2.5
3.0
ns
Output Times
tCO
Data Output Valid After CLK Rise
2.6
2.8
3.5
4.0
ns
tDOH
Data Output Hold After CLK Rise
1.0
1.0
1.5
1.5
ns
tCLZ
Clock to Low-Z[13, 14, 15]
0
0
0
0
ns
tCHZ
Clock to High-Z[13, 14, 15]
2.6
2.8
3.5
4.0
ns
tOEV
OE LOW to Output Valid
2.6
2.8
3.5
4.0
ns
tOELZ
OE LOW to Output Low-Z
[13, 14, 15]
0
0
0
0
ns
tOEHZ
OE HIGH to Output High-Z
[13, 14, 15]
2.6
2.8
3.5
4.0
ns
Set-up Times
tAS
Address Set-up Before CLK Rise
1.2
1.2
1.5
1.5
ns
tADS
ADSC, ADSP Set-up Before CLK Rise
1.2
1.2
1.5
1.5
ns
tADVS
ADV Set-up Before CLK Rise
1.2
1.2
1.5
1.5
ns
tWES
GW, BWE, BWX Set-up Before CLK Rise
1.2
1.2
1.5
1.5
ns
tDS
Data Input Set-up Before CLK Rise
1.2
1.2
1.5
1.5
ns
tCES
Chip Enable Set-Up Before CLK Rise
1.2
1.2
1.5
1.5
ns
Hold Times
tAH
Address Hold After CLK Rise
0.3
0.5
0.5
0.5
ns
tADH
ADSP , ADSC Hold After CLK Rise
0.3
0.5
0.5
0.5
ns
tADVH
ADV Hold After CLK Rise
0.3
0.5
0.5
0.5
ns
tWEH
GW,BWE, BWX Hold After CLK Rise
0.3
0.5
0.5
0.5
ns
tDH
Data Input Hold After CLK Rise
0.3
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold After CLK Rise
0.3
0.5
0.5
0.5
ns
Shaded areas contain advance information.
Notes:
12. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD(minimum) initially before a read or write
operation can be initiated.
13. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state
voltage.
14. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the
same data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is
designed to achieve High-Z prior to Low-Z under the same system conditions
15. This parameter is sampled and not 100% tested.
16. Timing reference level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V.
17. Test conditions shown in (a) of AC Test Loads unless otherwise noted.


Similar Part No. - CY7C1339G-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G-133BGC CYPRESS-CY7C1339G-133BGC Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339G-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com