Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRD0203C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HRD0203C
Description  SILICON SCHOTTKY BARRIER DIODE FOR RECTIFYING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRD0203C Datasheet(HTML) 6 Page - Renesas Technology Corp

  HRD0203C Datasheet HTML 1Page - Renesas Technology Corp HRD0203C Datasheet HTML 2Page - Renesas Technology Corp HRD0203C Datasheet HTML 3Page - Renesas Technology Corp HRD0203C Datasheet HTML 4Page - Renesas Technology Corp HRD0203C Datasheet HTML 5Page - Renesas Technology Corp HRD0203C Datasheet HTML 6Page - Renesas Technology Corp HRD0203C Datasheet HTML 7Page - Renesas Technology Corp HRD0203C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HRD0203C
Rev.0, Nov. 2002, page 4 of 6
Main Characteristic (cont)
1.0
10
10
1.0
0.1
100
f = 1MHz
Pulse test
0
150
50
100
25
75
125
0
0.20
0.10
0.30
0.25
0.15
0.05
Ambient temperature Ta (
°C)
Fig.5 Average rectified current vs. Ambient temperature
–25
Reverse voltage VR (V)
Fig.6 Capacitance vs. Reverse voltage
sin(
θ=180°)
D=1/6
D=1/3
D=1/2
DC
VR = VRRM/3
Tj = 125
°C
Rth(j-a) = 600
°C/W


Similar Part No. - HRD0203C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HRD0203C RENESAS-HRD0203C Datasheet
82Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRD0203C RENESAS-HRD0203C_1 Datasheet
82Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRD0203C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com