Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSSK60-015A Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSSK60-015A
Description  POWER SCHOTTKY RECTIFIER WITH COMMON CATHODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSSK60-015A Datasheet(HTML) 1 Page - IXYS Corporation

  DSSK60-015A Datasheet HTML 1Page - IXYS Corporation DSSK60-015A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Pulse test:
 Pulse Width = 5 ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, Conditions and dimensions.
Power Schottky Rectifier
with common cathode
AC
A
C = Cathode, A = Anode, TAB = Cathode
TO-247 AD
ISOPLUS 247TM
Version A
Version AR
A
A
C (TAB)
C
A
A
C
Isolated
back surface *
* Patent pending
Features
• International standard package
• Very low V
F
• Extremely low switching losses
• Low I
RM-values
• Epoxy meets UL 94V-0
• Version ..R isolated and
UL registered E153432
Applications
• Rectifiers in switch mode power
supplies (SMPS)
• Free wheeling diode in low voltage
converters
Advantages
• High reliability circuit operation
• Low voltage peaks for reduced
protection circuits
• Low noise switching
• Low losses
Dimensions see outlines.pdf
I
FAV
= 2x30 A
V
RRM = 130 / 150 V
V
F
= 0.69 V
Symbol
Conditions
Maximum Ratings
I
FRMS
70
A
I
FAV
T
C = 155
°C; rectangular, d = 0.5
30
A
I
FAV
T
C = 155
°C; rectangular, d = 0.5; per device
60
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
600
A
E
AS
I
AS = tbd A; L = 180 µH; TVJ = 25°C; non repetitive
tbd
mJ
I
AR
V
A =1.5 • VRRM typ.; f=10 kHz; repetitive
tbd
A
(dv/dt)
cr
18000
V/ms
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25
°C
190
W
M
d
Version A:
mounting torque M3
0.8...1.2
Nm
F
C
Version AR: mounting force with clip
20...120
N
V
ISOL *
50/60 Hz, RMS, t = 1 minute, leads-to-tab
2500
V~
Weight
typical
6
g
DSSK 60-013A
DSSK 60-015A
DSSK 60-015AR
V
RSM
V
RRM
Type
V
V
130
130
DSSK 60-013A
150
150
DSSK 60-015A
150
150
DSSK 60-015AR
Symbol
Conditions
Characteristic Values
typ.
max.
I
R

T
VJ = 25
°CV
R = VRRM
2mA
T
VJ = 125
°CV
R = VRRM
20
mA
V
F
I
F =
30 A;
T
VJ = 125
°C
0.69
V
I
F =
30 A;
T
VJ =25
°C
0.83
V
I
F =
60 A;
T
VJ = 125
°C
0.80
V
R
thJC
0.8
K/W
R
thCH
0.25
K/W
Preliminary Data
* Version AR only


Similar Part No. - DSSK60-015A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSSK60-015A IXYS-DSSK60-015A Datasheet
53Kb / 2P
   Power Schottky Rectifier with common cathode
logo
Inchange Semiconductor ...
DSSK60-015A ISC-DSSK60-015A Datasheet
274Kb / 2P
   Schottky Barrier Rectifier
logo
IXYS Corporation
DSSK60-015AR IXYS-DSSK60-015AR Datasheet
53Kb / 2P
   Power Schottky Rectifier with common cathode
More results

Similar Description - DSSK60-015A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSSK28-006B IXYS-DSSK28-006B Datasheet
141Kb / 1P
   Power Schottky Rectifier with common cathode
DSSK28-0045A IXYS-DSSK28-0045A Datasheet
46Kb / 2P
   Power Schottky Rectifier with common cathode
DSSK60-0045B IXYS-DSSK60-0045B Datasheet
39Kb / 2P
   Power Schottky Rectifier with common cathode
DSSK48-0025B IXYS-DSSK48-0025B Datasheet
142Kb / 1P
   Power Schottky Rectifier with common cathode
DSSK40-0015B IXYS-DSSK40-0015B Datasheet
34Kb / 2P
   Power Schottky Rectifier with common cathode
DSSK80-006B IXYS-DSSK80-006B Datasheet
131Kb / 1P
   Power Schottky Rectifier with common cathode
DSSK48-003B IXYS-DSSK48-003B Datasheet
35Kb / 1P
   Power Schottky Rectifier with common cathode
DSSK80-0045 IXYS-DSSK80-0045 Datasheet
72Kb / 2P
   Power Schottky Rectifier with common cathode
DSSK10-018A IXYS-DSSK10-018A Datasheet
46Kb / 2P
   Power Schottky Rectifier with common cathode
DSSK20-0045A IXYS-DSSK20-0045A Datasheet
43Kb / 2P
   Power Schottky Rectifier with common cathode
DSSK60-0045A IXYS-DSSK60-0045A Datasheet
154Kb / 2P
   Power Schottky Rectifier with common cathode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com