Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25819SCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY25819SCT
Description  SPREAD SPECTRUM CLOCK GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25819SCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY25819SCT Datasheet HTML 1Page - Cypress Semiconductor CY25819SCT Datasheet HTML 2Page - Cypress Semiconductor CY25819SCT Datasheet HTML 3Page - Cypress Semiconductor CY25819SCT Datasheet HTML 4Page - Cypress Semiconductor CY25819SCT Datasheet HTML 5Page - Cypress Semiconductor CY25819SCT Datasheet HTML 6Page - Cypress Semiconductor CY25819SCT Datasheet HTML 7Page - Cypress Semiconductor CY25819SCT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY25818/19
Document #: 38-07362 Rev. *A
Page 5 of 8
Characteristics Curves
The following curves demonstrate the characteristic behavior
of the CY25818/19 when tested over a number of environ-
mental and application specific parameters. These are typical
performance curves and are not meant to replace any
parameter specified in Table 4 and Table 5.
200
210
220
230
240
250
260
270
280
290
300
8
1 21 6
2 02 4
2 83 2
Fr equ en cy ( MH z )
R E F CL K CY 25818
S S CL K CY2 5 8 18
R E F CL K CY 25819
S S CL K CY258 19
Figure 2. CCJ (ps) vs. Frequency (MHz)
1.75
2
2.25
2.5
2.75
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temp(C)
12 MHz
32.0 MHz
Figure 3. Bandwidth% vs. Temperature
10
11
12
13
14
15
16
17
18
19
20
8
12
16
2 0
2 42 83 2
F r equ en cy ( MH z )
C Y 25 819
16 - 3 2 M H z
C Y 25 818
8 - 16 M H z
Figure 4. IDD (mA) vs. Frequency (MHz)
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
VDD (volts)
CY25819@32 MHz
CY25818@8.0 MHz
Figure 5. Bandwidth% vs. VDD


Similar Part No. - CY25819SCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25819SCT CYPRESS-CY25819SCT Datasheet
160Kb / 7P
   Spread Spectrum Clock Generator
CY25819SCT CYPRESS-CY25819SCT Datasheet
153Kb / 7P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25819SCT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com