Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1339G-250BGXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1339G-250BGXC
Description  4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339G-250BGXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1339G-250BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1339G-250BGXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PRELIMINARY
CY7C1339G
Document #: 38-05520 Rev. *A
Page 9 of 17
Shaded area contains advanced information.
Notes:
9. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC) > -2V (Pulse width less than tCYC/2).
10. TPower-up: Assumes a linear ramp from 0v to VDD(min.) within 200ms. During this time VIH < VDD and VDDQ < VDD.
Thermal Resistance[11]
Parameter
Description
Test Conditions
TQFP
Package
BGA
Package
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test
methods and procedures for
measuring thermal impedance, per
EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Capacitance[11]
Parameter
Description
Test Conditions
TQFP
Package
BGA
Package
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V.
VDDQ = 3.3V
55
pF
CCLK
Clock Input Capacitance
5
5
pF
CI/O
Input/Output Capacitance
5
7
pF
Electrical Characteristics Over the Operating Range (continued)[9, 10]
Parameter
Description
Test Conditions
Min.
Max.
Unit
AC Test Loads and Waveforms
Note:
11. Tested initially and after any design or process change that may affect these parameters
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.5V
3.3V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1ns
≤ 1ns
(c)
OUTPUT
R = 1667
R =1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.25V
2.5V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1ns
≤ 1ns
(c)
3.3V I/O Test Load
2.5V I/O Test Load


Similar Part No. - CY7C1339G-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G-250BGXC CYPRESS-CY7C1339G-250BGXC Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339G-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com