Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICROFC-10020-SMT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MICROFC-10020-SMT
Description  Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROFC-10020-SMT Datasheet(HTML) 3 Page - ON Semiconductor

  MICROFC-10020-SMT Datasheet HTML 1Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 2Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 3Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 4Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 5Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 6Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 7Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 8Page - ON Semiconductor MICROFC-10020-SMT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
C−Series SiPM Sensors
www.onsemi.com
3
Table 1. PERFORMANCE PARAMETERS (continued)
Sensor
Size
Units
Max.
Typ.
Min.
Overvoltage
Parameter (Note 1)
Microcell Size
1mm
10m
Dark Count Rate
Vbr + 2.5 V
30
96
kHz
20m
30
96
kHz
35m
30
96
kHz
3mm
20m
300
860
kHz
35m
300
860
kHz
50m
300
860
kHz
6mm
35m
1200
3400
kHz
1mm
10m, 20m, 35m
Rise Time − Fast Output (Note 7)
0.3
ns
3mm
20m, 35m, 50m
0.6
ns
6mm
35m
1.0
ns
1mm
10m, 20m, 35m
Signal Pulse Width − Fast Output (FWHM)
0.6
ns
3mm
20m, 35m, 50m
1.5
ns
6mm
35m
3.2
ns
1mm
10m
Microcell recharge time constant (Note 8)
5
ns
20m
23
ns
35m
82
ns
3mm
20m
23
ns
35m
82
ns
50m
159
ns
6mm
35m
95
ns
1mm
10m
Capacitance (Note 9)
(anode−cathode)
Vbr + 2.5 V
50
pF
20m
90
pF
35m
100
pF
3mm
20m
770
pF
35m
850
pF
50m
920
pF
6mm
35m
3400
pF
1mm
10m
Capacitance (Note 9)
(fast terminal to cathode)
Vbr + 2.5 V
1
pF
20m
1
pF
35m
1
pF


Similar Part No. - MICROFC-10020-SMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MICROFJ-30020-TSV ONSEMI-MICROFJ-30020-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-30035-TSV ONSEMI-MICROFJ-30035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-40035-TSV ONSEMI-MICROFJ-40035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-60035-TSV ONSEMI-MICROFJ-60035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-SMA-30020-GEVB ONSEMI-MICROFJ-SMA-30020-GEVB Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
More results

Similar Description - MICROFC-10020-SMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
MICROJ ONSEMI-MICROJ Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
logo
PerkinElmer Optoelectro...
C1963 PERKINELMER-C1963 Datasheet
10Kb / 11P
   Channel Photomultipliers
logo
List of Unclassifed Man...
C30742-33 ETC2-C30742-33 Datasheet
687Kb / 5P
   Silicon Photomultipliers with 3x3 mm짼 active area
logo
ON Semiconductor
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
ARRAYJ ONSEMI-ARRAYJ Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
logo
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com