Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICROJ Datasheet(PDF) 1 Page - ON Semiconductor

Part # MICROJ
Description  Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROJ Datasheet(HTML) 1 Page - ON Semiconductor

  MICROJ Datasheet HTML 1Page - ON Semiconductor MICROJ Datasheet HTML 2Page - ON Semiconductor MICROJ Datasheet HTML 3Page - ON Semiconductor MICROJ Datasheet HTML 4Page - ON Semiconductor MICROJ Datasheet HTML 5Page - ON Semiconductor MICROJ Datasheet HTML 6Page - ON Semiconductor MICROJ Datasheet HTML 7Page - ON Semiconductor MICROJ Datasheet HTML 8Page - ON Semiconductor MICROJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2017
December, 2018 − Rev. 6
1
Publication Order Number:
MICROJ−SERIES/D
J-Series SiPM Sensors
Silicon Photomultipliers
(SiPM), High PDE and
Timing Resolution Sensors
in a TSV Package
ON Semiconductor’s J-Series low-light sensors feature a high PDE
(photon detection efficiency) that is achieved using a high-volume,
P-on-N silicon foundry process. The J-Series sensors incorporate
major improvements in the transit time spread which results in
a significant improvement in the timing performance of the sensor.
J-Series sensors are available in different sizes (3 mm, 4 mm and
6 mm) and use a TSV (Through Silicon Via) process to create
a package with minimal deadspace, that is compatible with industry
standard lead-free, reflow soldering processes.
The J-Series Silicon Photomultipliers (SiPM) combine high
performance with the practical advantages of solid-state technology:
low operating voltage, excellent temperature stability, robustness,
compactness, output uniformity, and low cost. For more information
on the J-Series sensors please refer to the website.
Table 1. GENERAL PARAMETERS
Parameter (Note 1)
Minimum
Typical
Maximum
Unit
Breakdown Voltage (Vbr) (Note 2)
24.2
24.7
V
Overvoltage (OV)
1
6
V
Operating Voltage (Vop = Vbr + OV))
25.2
30.7
V
Spectral Range (Note 3)
200
900
nm
Peak PDE Wavelength (lp)
420
nm
Temperature dependence of Vbr
21.5
mV/°C
1. All measurements made at 21°C unless otherwise stated.
2. The breakdown voltage (Vbr) is defined as the value of the voltage intercept of a straight line fit to a plot of √I vs V, where I is the current and
V is the bias voltage.
3. The range where PDE > 2.0% at Vbr + 6.0 V.
Table 2. PHYSICAL PARAMETERS
Parameter
3 mm
4 mm
6 mm
30020, 30035
40035
60035
Active Area
3.07 × 3.07 mm2
3.93 × 3.93 mm2
6.07 × 6.07 mm2
No. of Microcells
30020: 14,410
30035: 5,676
40035: 9,260
60035: 22,292
Microcell Fill Factor
30020: 62%
30035: 75%
40035: 75%
60035: 75%
See detailed ordering and shipping information on page 11 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com


Similar Part No. - MICROJ

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
MICRO-01 MAJOR-LEAGUE-MICRO-01 Datasheet
143Kb / 2P
   .050" Staggered cl Female on Board Connector Surface Mount Straight With Polarization
MICRO-02 MAJOR-LEAGUE-MICRO-02 Datasheet
139Kb / 2P
   .050" Staggered cl Female on Board Side Entry Connector
MICRO-03 MAJOR-LEAGUE-MICRO-03 Datasheet
151Kb / 2P
   .050" Staggered cl Female on Board Connector Thru Hole Straight With Kinked Pins
MICRO-04 MAJOR-LEAGUE-MICRO-04 Datasheet
183Kb / 2P
   .050" Staggered cl Plug (paddleboard) Connector Thru Hole Straight With Kinked Pins
MICRO-05 MAJOR-LEAGUE-MICRO-05 Datasheet
157Kb / 2P
   .050" Staggered cl IDC Male On Wire Connector Cable Mount With Polarizing Peg
More results

Similar Description - MICROJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MICROC ONSEMI-MICROC Datasheet
1Mb / 16P
   Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
November, 2018 ??Rev. 6
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
logo
KEC(Korea Electronics)
KDS166T KEC-KDS166T Datasheet
374Kb / 1P
   TSV PACKAGE
logo
ON Semiconductor
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
   Small package and high resolution encoder module
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
   Small package and high resolution encoder module
logo
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
logo
List of Unclassifed Man...
SDXL005 ETC1-SDXL005 Datasheet
47Kb / 4P
   Compensated Pressure Sensors in a DIP Package
logo
IC-Haus GmbH
IC-LFH ICHAUS-IC-LFH Datasheet
1Mb / 14P
   HIGH-RESOLUTION LINEAR IMAGE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com