Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MICROFC-10010-SMT Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MICROFC-10010-SMT
Description  Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROFC-10010-SMT Datasheet(HTML) 1 Page - ON Semiconductor

  MICROFC-10010-SMT Datasheet HTML 1Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 2Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 3Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 4Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 5Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 6Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 7Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 8Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2018 − Rev. 6
1
Publication Order Number:
MICROC−SERIES/D
C-Series SiPM Sensors
Silicon Photomultipliers
(SiPM), Low-Noise,
Blue-Sensitive
The C−Series low-light sensors from ON Semiconductor feature an
industry-leading low dark-count rate combined with a high PDE. For
ultrafast timing applications, C-Series sensors have a fast output that
can have a rise time of 300 ps and a pulse width of 600 ps. The
C−Series is available in different sensor sizes (1 mm, 3 mm and 6 mm)
and packaged in a 4-side tileable surface mount (SMT) package that is
compatible with industry standard, lead-free, reflow soldering
processes.
The C−Series Silicon Photomultipliers (SiPM) form a range of high
gain, single-photon sensitive, UV-to-visible light sensors. They have
performance characteristics similar to a conventional PMT, while
benefiting from the practical advantages of solid-state technology: low
operating voltage, excellent temperature stability, robustness,
compactness, output uniformity, and low cost. For advice on the usage
of these sensors please refer to the Biasing and Readout Application
Note.
Table 1. PERFORMANCE PARAMETERS
Sensor
Size
Microcell Size
Parameter (Note 1)
Overvoltage
Min.
Typ.
Max.
Units
1mm
10m
, 20m, 35m
Breakdown Voltage (Vbr) (Note 3)
24.2
24.7
V
3mm
20m, 35m, 50m
6mm
35m
1mm
10m
, 20m, 35m
Recommended overvoltage Range
(Voltage above Vbr) (Note 2)
1.0
5.0
V
3mm
20m, 35m, 50m
6mm
35m
1mm
10m
, 20m, 35m
Spectral Range (Note 4)
300
950
nm
3mm
20m, 35m, 50m
6mm
35m
1mm
10m
, 20m, 35m
Peak Wavelength (lp)
420
nm
3mm
20m, 35m, 50m
6mm
35m
See detailed ordering and shipping information on page 15 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com
Figure 1. C−Series Sensors


Similar Part No. - MICROFC-10010-SMT

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MICROFJ-30020-TSV ONSEMI-MICROFJ-30020-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-30035-TSV ONSEMI-MICROFJ-30035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-40035-TSV ONSEMI-MICROFJ-40035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-60035-TSV ONSEMI-MICROFJ-60035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-SMA-30020-GEVB ONSEMI-MICROFJ-SMA-30020-GEVB Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
More results

Similar Description - MICROFC-10010-SMT

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
MICROJ ONSEMI-MICROJ Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
PerkinElmer Optoelectronics
PerkinElmer Optoelectro...
C1963 PERKINELMER-C1963 Datasheet
10Kb / 11P
   Channel Photomultipliers
List of Unclassifed Manufacturers
List of Unclassifed Man...
C30742-33 ETC2-C30742-33 Datasheet
687Kb / 5P
   Silicon Photomultipliers with 3x3 mm짼 active area
PerkinElmer Optoelectronics
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
ON Semiconductor
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYJ ONSEMI-ARRAYJ Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz