Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MICROFC-10010-SMT Datasheet(PDF) 9 Page - ON Semiconductor

Part No. MICROFC-10010-SMT
Description  Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROFC-10010-SMT Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MICROFC-10010-SMT Datasheet HTML 5Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 6Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 7Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 8Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 9Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 10Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 11Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 12Page - ON Semiconductor MICROFC-10010-SMT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
C−Series SiPM Sensors
www.onsemi.com
9
EVALUATION BOARD OPTIONS
SMA Biasing Board (MicroFC−SMA−XXXXX)
The MicroFC−SMA is a printed circuit board (PCB) that
can facilitate the evaluation of the C−Series SMT sensors.
The board has three female SMA connectors for connecting
the bias voltage, the standard output from the anode and the
fast output signal. The output signals can be connected
directly to a 50
W-terminated oscilloscope for viewing. The
biasing and output signal tracks are laid out in such a way as
to preserve the fast timing characteristics of the sensor.
The MicroFC−SMA is recommended for users who
require a plug-and-play set-up to quickly evaluate C−Series
SMT sensors with optimum timing performance. The board
also allows the standard output from the anode-cathode
readout to be observed at the same time as the fast output.
The outputs can be connected directly to the oscilloscope or
measurement device, but external preamplification may be
required to boost the signal. The table below lists the SMA
board connections. The SMA board electrical schematics
are available to download in AND9809/D.
Figure 9. SMA Biasing Board
MicroFC−SMA−XXXXX
Output
Function
Vbias
Positive bias input (cathode)
Fout
Fast output
Sout
Standard output (anode)
Pin Adapter (MicroFC−SMTPA−XXXXX)
The SMT Pin Adapter board (SMTPA) is a small PCB
board that houses the SMT sensor and has through-hole pins
to allow for use with standard sockets or probe clips. This
product is useful for those needing a quick way to evaluate
the C−Series SMT sensors without the need for specialist
surface-mount soldering. While this is a ‘quick fix’ suitable
for many evaluations, it should be noted that the timing
performance from this board will not be optimized and if the
best possible timing performance is required, the
MicroFC−SMA−XXXXX is recommended. The pin-out
information is shown in the table below. The SMTPA board
electrical schematics are shown in Figure 12 and are
available to download in AND9809/D.
Figure 10. Pin Adapter
Figure 11. MicroFC−SMTPA−XXXXX
Figure 12. SMTPA Board Circuit Schematic
MicroFC−SMTPA−XXXXX
Pin No.
Connection
1
Anode
2
Fast output
3
Cathode
4
Ground
5
No connect


Similar Part No. - MICROFC-10010-SMT

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MICROFJ-30020-TSV ONSEMI-MICROFJ-30020-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-30035-TSV ONSEMI-MICROFJ-30035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-40035-TSV ONSEMI-MICROFJ-40035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-60035-TSV ONSEMI-MICROFJ-60035-TSV Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
MICROFJ-SMA-30020-GEVB ONSEMI-MICROFJ-SMA-30020-GEVB Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
More results

Similar Description - MICROFC-10010-SMT

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
MICROJ ONSEMI-MICROJ Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
PerkinElmer Optoelectronics
PerkinElmer Optoelectro...
C1963 PERKINELMER-C1963 Datasheet
10Kb / 11P
   Channel Photomultipliers
List of Unclassifed Manufacturers
List of Unclassifed Man...
C30742-33 ETC2-C30742-33 Datasheet
687Kb / 5P
   Silicon Photomultipliers with 3x3 mm짼 active area
PerkinElmer Optoelectronics
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
ON Semiconductor
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYJ ONSEMI-ARRAYJ Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz