Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC180D-14B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SVC180D-14B
Description  CERAMIC SURGE ABSORBERS (VARISTORS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SVC180D-14B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SVC180D-14B Datasheet HTML 2Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 3Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 4Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 5Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 6Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 7Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 8Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 9Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
50
CERAMIC SURGE ABSORBERS (VARISTORS)
SVC
CHAR, CURVES AND LIFETIME
05B (SVC 180D-05B to SVC680D-05B)
■ TRANSIENT V-I CHARACTIC CURVES
Current waveform Under 10
-2
A : DC
Over 10
-1
A : 8/20㎲
05B (SVC 180D-05B to SVC680D-05B)
05A (SVC 820D-05A to SVC471D-05A)
05A (SVC 820D-05A to SVC471D-05A)
■ PULSE LIFETIME RATINGS
Notes : 2 - pulse : 5 - minute interval
3 to 10 - pulse : 2 -minute interval
Up to 10
6
- pulse : 10 - second intervla


Similar Part No. - SVC180D-14B

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
SVC180D-14B SAMWHA-SVC180D-14B Datasheet
2Mb / 10P
   SVC Varistors Type
More results

Similar Description - SVC180D-14B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
   Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com