Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT256S72V89A0G Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NT256S72V89A0G
Description  32Mx72 bit One Bank Unbuffered SDRAM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256S72V89A0G Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NT256S72V89A0G Datasheet HTML 1Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 2Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 3Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256S72V89A0G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NT256S72V89A0G
256MB : 32M x 72
Unbuffered SDRAM Module
Preliminary 09 / 2001
5
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
Notes
VDD
Power Supply Voltage
-0.3 to +4.6
VIN
Input Voltage
-0.3 to VDD +0.3
VOUT
Output Voltage
-0.3 to VDD +0.3
V
1
TA
Operating Temperature (ambient)
0 to +70
°C
1
TSTG
Storage Temperature
-55 to +125
°C
1
PD
Power Dissipation
9
W
1
IOUT
Short Circuit Output Current
50
mA
1
1.1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended DC Operating Conditions (T A =0 to 70 °C)
Rating
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
VDD
Power Voltage
3.0
3.3
3.6
V
1
VIH
Input High Voltage
2.0
-
VDD + 0.3
V
1,2
VIL
Input Low Voltage
-0.3
-
0.8
V
1,3
VOH
Output High Voltage
2.4
-
-
V
VOL
Output Low Voltage
-
-
0.4
V
I IL
Input Leakage current
-10
-
10
uA
1.
All voltages referenced to VSS .
2.
VIH (max) = VDD / VDDQ + 1.2V for pulse width ≤ 5ns
3.
VIL (min) = VSS / VSSQ - 1.2V for pulse width ≤ 5ns .
Capacitance (T A =25 °C , f =1MHz, V DD =3.3 ± 0.3V)
Symbol
Parameter
Max.
Unit
CI1
Input Capacitance (A0-A9, A10/AP, A11, BA0, BA1, RAS
, CAS , WE )
77
CI2
Input Capacitance (CKE0)
58
CI3
Input Capacitance ( S0 - S2 )
33
CI4
Input Capacitance (CK0 - CK3)
40
CI5
Input Capacitance (DQMB0 - DQMB7)
21
CI6
Input Capacitance (SA0 - SA2, SCL, WP)
9
CIO1
Input/Output Capacitance (DQ0 - DQ63, CB0 - CB7)
10
CIO2
Input/Output Capacitance (SDA)
11
pF
DC Output Load Circuit
VOH(DC) = 2.4V,IOH= -2mA
VOL(DC) = 0.4V,IOL= -2mA
3.3 V
1200 ohms
870 ohms
50 pF
Output


Similar Part No. - NT256S72V89A0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
NT256S64V8HC0G-75B ETC1-NT256S64V8HC0G-75B Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
NT256S64V8HC0G-7K ETC1-NT256S64V8HC0G-7K Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
NT256S64V8HC0G-8B ETC1-NT256S64V8HC0G-8B Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
More results

Similar Description - NT256S72V89A0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88ABG ETC1-NT256D64S88ABG Datasheet
833Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
logo
White Electronic Design...
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com