Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT256D64S88AAG Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NT256D64S88AAG
Description  184pin One Bank Unbuffered DDR SDRAM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88AAG Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88AAG Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 12Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 13Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 14Page - List of Unclassifed Manufacturers NT256D64S88AAG Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NT256D64S88AAG
256MB : 32M x 64
PC2100 / PC1600 Unbuffered DIMM
AC Timing Specifications for DDR SDRAM Devices Used on Module
(TA = 0 °C ~ 70 °C; VDDQ = 2.5V ± 0.2V; VDD = 2.5V ± 0.2V, See AC Characteristics)
(Part 1 of 2)
-7K
-75B
-8B
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Notes
tAC
DQ output access time from CK/CK
-0.75
+0.75
-0.75
+0.75
-0.8
+0.8
ns
1-4
tDQSCK
DQS output access time from CK/CK
-0.75
+0.75
-0.75
+0.75
-0.8
+0.8
ns
1-4
tCH
CK high-level width
0.45
0.55
0.45
0.55
0.45
0.55
tCK
1-4
tCL
CK low-level width
0.45
0.55
0.45
0.55
0.45
0.55
tCK
1-4
tCK
CL=2.5
7
12
7.5
12
8
12
ns
1-4
tCK
Clock cycle time
CL=2
7.5
12
10
12
10
12
ns
1-4
tDH
DQ and DM input hold time
0.5
0.5
0.6
ns
1-4,
15, 16
tDS
DQ and DM input setup time
0.5
0.5
0.6
ns
1-4,
15, 16
tDIPW
DQ and DM input pulse width (each input)
1.75
1.75
2
ns
1-4
tHZ
Data-out high-impedance time from CK/CK
-0.75
+0.75
-0.75
+0.75
-0.8
+0.8
ns
1-5
tLZ
Data-out low-impedance time from CK/CK
-0.75
+0.75
-0.75
+0.75
-0.8
+0.8
ns
1-5
tDQSQ
DQS-DQ skew (DQS & associated DQ
signals)
0.5
0.5
0.6
ns
1-4
tDQSQA
DQS-DQ skew (DQS & all DQ signals)
0.5
0.5
0.6
ns
1-4
tHP
Minimum half clk period for any given
cycle; defined by clk high(tCH )
or clk low (tCL ) time
tCH
or
tCL
tCH
or
tCL
tCH
or
tCL
tCK
1-4
tQH
Data output hold time from DQS
tHP -
0.75ns
tHP -
0.75ns
tHP -
1.0ns
tCK
1-4
tDQSS
Write command to 1st DQS latching
transition
0.75
1.25
0.75
1.25
0.75
1.25
tCK
1-4
tDQSL,H
DQS input low (high) pulse width
(write cycle)
0.35
0.35
0.35
tCK
1-4
tDSS
DQS falling edge to CK setup time
(write cycle)
0.2
0.2
0.2
tCK
1-4
tDSH
DQS falling edge hold time from CK
(write cycle)
0.2
0.2
0.2
tCK
1-4
tMRD
Mode register set command cycle time
14
15
16
ns
1-4
tWPRES
Write preamble setup time
0
0
0
ns
1-4, 7
tWPST
Write postamble
0.40
0.60
0.40
0.60
0.40
0.60
tCK
1-4, 6
tWPRE
Write preamble
0.25
0.25
0.25
tCK
1-4
tIH
Address and control input hold time
(fast slew rate)
0.9
1.1
1.1
ns
2-4, 9,
11, 12
tIS
Address and control input setup time
(fast slew rate)
0.9
1.1
1.1
ns
2-4, 9,
11, 12
tIH
Address and control input hold time
(slow slew rate)
1.0
1.1
1.1
ns
2-4,
10-12,
14
tIS
Address and control input setup time
(slow slew rate)
1.0
1.0
1.1
ns
2-4,
10-12,
14
REV 1.1
11
08/2002
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.


Similar Part No. - NT256D64S88AAG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-75B ETC1-NT256D64S88A0G-75B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-7K ETC1-NT256D64S88A0G-7K Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-8B ETC1-NT256D64S88A0G-8B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A2GM ETC1-NT256D64S88A2GM Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
More results

Similar Description - NT256D64S88AAG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88ABG ETC1-NT256D64S88ABG Datasheet
833Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G-6 ETC1-NT256D64S8HA0G-6 Datasheet
183Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G ETC1-NT256D64S8HA0G Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
logo
Hynix Semiconductor
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
logo
List of Unclassifed Man...
NT256S72V89A0G ETC1-NT256S72V89A0G Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com