Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3T125-5PS208 Datasheet(PDF) 8 Page - Agere Systems

Part # OR3T125-5PS208
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T125-5PS208 Datasheet(HTML) 8 Page - Agere Systems

Back Button OR3T125-5PS208 Datasheet HTML 4Page - Agere Systems OR3T125-5PS208 Datasheet HTML 5Page - Agere Systems OR3T125-5PS208 Datasheet HTML 6Page - Agere Systems OR3T125-5PS208 Datasheet HTML 7Page - Agere Systems OR3T125-5PS208 Datasheet HTML 8Page - Agere Systems OR3T125-5PS208 Datasheet HTML 9Page - Agere Systems OR3T125-5PS208 Datasheet HTML 10Page - Agere Systems OR3T125-5PS208 Datasheet HTML 11Page - Agere Systems OR3T125-5PS208 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 210 page
background image
8
8
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Description (continued)
PIC Logic
Series 3 PIC addresses the demand for ever-increas-
ing system clock speeds. Each PIC contains four pro-
grammable inputs/outputs (PIOs) and routing
resources. On the input side, each PIO contains a fast-
capture latch that is clocked by an ExpressCLK. This
latch is followed by a latch/FF that is clocked by a sys-
tem clock from the internal general clock routing. The
combination provides for very low setup requirements
and zero hold times for signals coming on-chip. It may
also be used to demultiplex an input signal, such as a
multiplexed address/data signal, and register the sig-
nals without explicitly building a demultiplexer. Two
input signals are available to the PLC array from each
PIO, and the
ORCA 2C/2T capability to use any input
pin as a clock or other global input is maintained.
On the output side of each PIO, two outputs from the
PLC array can be routed to each output flip-flop, and
logic can be associated with each I/O pad. The output
logic associated with each pad allows for multiplexing
of output signals and other functions of two output sig-
nals.
The output FF in combination with output signal multi-
plexing, is particularly useful for registering address
signals to be multiplexed with data, allowing a full clock
cycle for the data to propagate to the output. The I/O
buffer associated with each pad is very similar to the
ORCA 2C/2T Series buffer with a new, fast, open-drain
option for ease of use on system buses.
System Features
Series 3 also provides system-level functionality by
means of its dual-use microprocessor interface and its
innovative programmable clock manager. These func-
tional blocks allow for easy glueless system interfacing
and the capability to adjust to varying conditions in
today’s high-speed systems.
Routing
The abundant routing resources of the
ORCA Series 3
FPGAs are organized to route signals individually or as
buses with related control signals. Clocks are routed on
a low-skew, high-speed distribution network and may
be sourced from PLC logic, externally from any I/O
pad, or from the very fast ExpressCLK pins. Express-
CLKs may be glitchlessly and independently enabled
and disabled with a programmable control signal using
the new StopCLK feature. The improved PIC routing
resources are now similar to the patented intra-PLC
routing resources and provide great flexibility in moving
signals to and from the PIOs. This flexibility translates
into an improved capability to route designs at the
required speeds when the I/O signals have been locked
to specific pins.
Configuration
The FPGA’s functionality is determined by internal
configuration RAM. The FPGA’s internal initialization/
configuration circuitry loads the configuration data at
powerup or under system control. The RAM is loaded
by using one of several configuration modes. The con-
figuration data resides externally in an EEPROM or any
other storage media. Serial EEPROMs provide a sim-
ple, low pin count method for configuring FPGAs. A
new, easy method for configuring the devices is
through the microprocessor interface.


Similar Part No. - OR3T125-5PS208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T125 AGERE-OR3T125 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T125-5PS208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com