Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3T80-7BC432I Datasheet(PDF) 11 Page - Agere Systems

Part # OR3T80-7BC432I
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T80-7BC432I Datasheet(HTML) 11 Page - Agere Systems

Back Button OR3T80-7BC432I Datasheet HTML 7Page - Agere Systems OR3T80-7BC432I Datasheet HTML 8Page - Agere Systems OR3T80-7BC432I Datasheet HTML 9Page - Agere Systems OR3T80-7BC432I Datasheet HTML 10Page - Agere Systems OR3T80-7BC432I Datasheet HTML 11Page - Agere Systems OR3T80-7BC432I Datasheet HTML 12Page - Agere Systems OR3T80-7BC432I Datasheet HTML 13Page - Agere Systems OR3T80-7BC432I Datasheet HTML 14Page - Agere Systems OR3T80-7BC432I Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 210 page
background image
Lucent Technologies Inc.
11
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells
The programmable logic cell (PLC) consists of a pro-
grammable function unit (PFU), a supplemental logic
and interconnect cell (SLIC), and routing resources. All
PLCs in the array are functionally identical with only
minor differences in routing connectivity for improved
routability. The PFU, which contains eight 4-input LUTs,
eight latches/FFs, and one FF for logic implementation,
is discussed in the next section, followed by discus-
sions of the SLIC and PLC routing resources.
Programmable Function Unit
The PFUs are used for logic. Each PFU has 50 external
inputs and 18 outputs and can operate in several
modes. The functionality of the inputs and outputs
depends on the operating mode.
The PFU uses 36 data input lines for the LUTs, eight
data input lines for the latches/FFs, five control inputs
(ASWE, CLK, CE, LSR, SEL), and a carry input (CIN)
for fast arithmetic functions and general-purpose data
input for the ninth FF. There are eight combinatorial data
outputs (one from each LUT), eight latched/registered
outputs (one from each latch/FF), a carry-out (COUT),
and a registered carry-out (REGCOUT) that comes from
the ninth FF. The carry-out signals are used principally
for fast arithmetic functions.
Figure 2 and Figure 3 show high-level and detailed
views of the ports in the PFU, respectively. The eight
sets of LUT inputs are labeled as K0 through K7 with
each of the four inputs to each LUT having a suffix of
_x, where x is a number from 0 to 3. There are four F5
inputs labeled A through D. These inputs are used for a
fifth LUT input for 5-input LUTs or as a selector for multi-
plexing two 4-input LUTs. The eight direct data inputs to
the latches/FFs are labeled as DIN[7:0]. Registered LUT
outputs are shown as Q
[7:0], and combinatorial LUT
outputs are labeled as F
[7:0].
The PFU implements combinatorial logic in the LUTs
and sequential logic in the latches/FFs. The LUTs are
static random access memory (SRAM) and can be used
for read/write or read-only memory.
Each latch/FF can accept data from its associated LUT.
Alternatively, the latches/FFs can accept direct data
from DIN[7:0], eliminating the LUT delay if no combina-
torial function is needed. Additionally, the CIN input can
be used as a direct data source for the ninth FF. The
LUT outputs can bypass the latches/FFs, which reduces
the delay out of the PFU. It is possible to use the LUTs
and latches/FFs more or less independently, allowing,
for instance, a comparator function in the LUTs simulta-
neously with a shift register in the FFs.
5-5752(F)
Figure 2. PFU Ports
The PFU can be configured to operate in four modes:
logic mode, half-logic mode, ripple mode, and memory
(RAM/ROM) mode. In addition, ripple mode has four
submodes and RAM mode can be used in either a
single- or dual-port memory fashion. These submodes
of operation are discussed in the following sections.
5-5752(F)
F5D
K7_0
K7_1
K7_2
K7_3
K6_0
K6_1
K6_2
K6_3
K5_0
K5_1
K5_2
K5_3
K4_0
K4_1
K4_2
K4_3
F5C
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
CIN
F5B
K3_0
K3_1
K3_2
K3_3
K2_0
K2_1
K2_2
K2_3
K1_0
K1_1
K1_2
K1_3
K0_0
K0_1
K0_2
K0_3
F5A
LSR
CLK
CE
SEL
ASWE
PROGRAMMABLE
FUNCTION UNIT
(PFU)
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
COUT
REGCOUT
F7
F6
F5
F4
F3
F2
F1
F0


Similar Part No. - OR3T80-7BC432I

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T80 AGERE-OR3T80 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T80-7BC432I

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com