Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST22FJ1M Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST22FJ1M
Description  Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22FJ1M Datasheet(HTML) 2 Page - STMicroelectronics

  ST22FJ1M Datasheet HTML 1Page - STMicroelectronics ST22FJ1M Datasheet HTML 2Page - STMicroelectronics ST22FJ1M Datasheet HTML 3Page - STMicroelectronics ST22FJ1M Datasheet HTML 4Page - STMicroelectronics ST22FJ1M Datasheet HTML 5Page - STMicroelectronics ST22FJ1M Datasheet HTML 6Page - STMicroelectronics ST22FJ1M Datasheet HTML 7Page - STMicroelectronics ST22FJ1M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ST22FJ1M
2/8
MEMORY
I HIGHLY RELIABLE CMOS
FLASHTECHNOLOGY
– 10 years data retention, 100,000 Erase/Write
cycles endurance
– 64 Kbytes sector Erase in 1.5 s typical
– 32-bit word program in 100 µs for FLASH
Div 2 jittsi update and 200 µs for Page-Flash
typical in User mode
I HIGHLY RELIABLE CMOS PAGE-FLASH
TECHNOLOGY
– 10 years data retention, 100,000 Erase/Write
cycles endurance
– 32-bit word Erase in 2 ms typical
– 2K byte sector erase in 50 ms typical
– 32-bit word program in 30 µs typical in User
mode, 10 µs in Issuer mode
I FAST AND SECURE FLASH LOADER
I HIGH PERFORMANCE MEMORY
– Dual memory buses for data and instruction
– Byte, Short (2) and Word (4) load and store
– Address auto-increment
OTHER FEATURES
I HARDWARE ASYNCHRONOUS SERIAL
INTERFACE (ASI)
– 1M baud rate capability
– 2 serial I/O ports compatible ISO 7816-3 T=0
and T=1
I 2 USER CONFIGURABLE 12-BIT AND 16-BIT
TIMERS WITH INTERRUPT
I CENTRAL INTERRUPT CONTROLLER WITH
UP TO 16 INPUT LINES
I UP TO 8 MHZ BIG JITTER DIV 4
I EXTERNAL CLOCK FROM 1 MHz TO 10 MHz
I 3 V TO 5.5 V SUPPLY VOLTAGE
I TEMPERATURE RANGE -25° C to +85° C
I POWER SAVING STANDBY MODE
I ESD PROTECTION GREATER THAN 4000 V
I UNIQUE IDENTIFICATION PER DIE


Similar Part No. - ST22FJ1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST22 ETC-ST22 Datasheet
155Kb / 1P
   DO-35 Case
logo
Vishay Siliconix
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST2200-25T4MI VISHAY-ST2200-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Goodwork Semiconductor ...
ST2200L GWSEMI-ST2200L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - ST22FJ1M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST22N144 STMICROELECTRONICS-ST22N144 Datasheet
90Kb / 7P
   Smartcard 32-Bit RISC MCU with 144 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
ST22N256 STMICROELECTRONICS-ST22N256 Datasheet
95Kb / 8P
   Smartcard 32-Bit RISC MCU with 256 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
ST22L128 STMICROELECTRONICS-ST22L128 Datasheet
86Kb / 7P
   Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes EEPROM, Javacard HW Execution & Cryptographic Library
logo
Hynix Semiconductor
GDC21D601 HYNIX-GDC21D601 Datasheet
4Mb / 189P
   32-Bit RISC MCU
logo
STMicroelectronics
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
   Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
ST19SF32 STMICROELECTRONICS-ST19SF32 Datasheet
27Kb / 2P
   Smartcard MCU With 32 KBytes EEPROM
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com