Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ES6226D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC100ES6226D
Description  2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6226D Datasheet(HTML) 5 Page - Motorola, Inc

  MC100ES6226D Datasheet HTML 1Page - Motorola, Inc MC100ES6226D Datasheet HTML 2Page - Motorola, Inc MC100ES6226D Datasheet HTML 3Page - Motorola, Inc MC100ES6226D Datasheet HTML 4Page - Motorola, Inc MC100ES6226D Datasheet HTML 5Page - Motorola, Inc MC100ES6226D Datasheet HTML 6Page - Motorola, Inc MC100ES6226D Datasheet HTML 7Page - Motorola, Inc MC100ES6226D Datasheet HTML 8Page - Motorola, Inc MC100ES6226D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC100ES6226
TIMING SOLUTIONS
5
MOTOROLA
TABLE 6: DC CHARACTERISTICS (VCC = 3.3V ± 5% and 2.5V ± 5%, TJ = 0°C to +110°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS control inputs (OE, FSEL0, FSEL1, MR)
VIL
Input voltage low
VCC = 3.3 V
VCC = 2.5 V
0.8
0.7
V
VIH
Input voltage high
VCC = 3.3 V
VCC = 2.5 V
2.2
1.7
V
IIN
Input Currentb
±150
µA
VIN = VCC or VIN = GND
LVPECL clock inputs (CLK, CLK)c
VPP
DC differential input voltaged
0.1
1.3
V
Differential operation
VCMR
Differential cross point voltagee
1.0
VCC-0.3
V
Differential operation
VIH
Input high voltage
TBD
TBD
VIL
Input low voltage
TBD
TBD
IIN
Input Current
±150
µA
VIN = TBD or VIN = TBD
LVPECL clock outputs (QA[2:0], QB[2:0], QC[2:0])
VOH
Output High Voltage
VCC-1.1
VCC-0.8
V
Termination 50
W to VTT
VOL
Output Low Voltage
VCC-1.8
VCC-1.4
V
Termination 50
W to VTT
Supply current
IGND
Maximum Quiescent Supply Current
without output termination current
65
110
mA
GND pin
ICC
Maximum Quiescent Supply Current
with output termination current
325
400
mA
All VCC Pins
a.
AC characterisitics are design targets and pending characterization.
b.
Input have internal pullup/pulldown resistors which affect the input current.
c.
Clock inputs driven by LVPECL compatible signals.
d.
VPP is the minimum differential input voltage swing required to maintain AC characteristic.
e.
VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC100ES6226D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226AC RENESAS-MC100ES6226AC Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226ACR2 RENESAS-MC100ES6226ACR2 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226FA RENESAS-MC100ES6226FA Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226FAR2 RENESAS-MC100ES6226FAR2 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
More results

Similar Description - MC100ES6226D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com