Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK0601 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK0601
Description  Silicon N-Channel MOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK0601 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK0601 Datasheet HTML 1Page - Panasonic Semiconductor 2SK0601 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Silicon MOS FETs (Small Signal)
PD  Ta
ID  VDS
ID  VGS
| Yfs |  VGS
Ciss, Coss, Crss  VDS
RDS(on)  VGS
RDS(on)  Ta
2SK601
0
160
40
120
80
140
20
100
60
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
Copper foil of the drain portion
should have a area of 1cm2
or more and the board
thickness should be 1.7mm.
Ambient temperature Ta (˚C)
010
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25˚C
5V
4V
3V
4.5V
3.5V
V
GS=5.5V
Drain to source voltage V
DS
(V)
010
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
V
DS=10V
Ta=25˚C
Gate to source voltage V
GS
(V)
06
5
4
13
2
0
600
500
400
300
200
100
V
DS=15V
f=1kHz
Ta=25˚C
Gate to source voltage V
GS
(V)
1
10
100
1000
3
30
300
0
120
100
80
60
40
20
V
GS=0
f=1MHz
Ta=25˚C
C
iss
C
oss
C
rss
Drain to source voltage V
DS
(V)
020
16
412
8
0
6
5
4
3
2
1
Ta=75˚C
25˚C
–25˚C
I
D=500mA
Gate to source voltage V
GS
(V)
–50
75
50
–25
25
0
0
6
5
4
3
2
1
I
D=500mA
V
GS=5V
10V
Ambient temperature Ta (˚C)


Similar Part No. - 2SK0601

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK0614 PANASONIC-2SK0614 Datasheet
74Kb / 3P
   For switching
2SK0615 PANASONIC-2SK0615 Datasheet
72Kb / 3P
   Silicon N-Channel MOS FET
2SK0655 PANASONIC-2SK0655 Datasheet
76Kb / 3P
   For Switching
2SK0656 PANASONIC-2SK0656 Datasheet
76Kb / 3P
   For Switching
2SK0657 PANASONIC-2SK0657 Datasheet
77Kb / 3P
   For Switching
More results

Similar Description - 2SK0601

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com