Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1361 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1361
Description  4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1361 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1361 Datasheet HTML 1Page - Maxim Integrated Products MAX1361 Datasheet HTML 2Page - Maxim Integrated Products MAX1361 Datasheet HTML 3Page - Maxim Integrated Products MAX1361 Datasheet HTML 4Page - Maxim Integrated Products MAX1361 Datasheet HTML 5Page - Maxim Integrated Products MAX1361 Datasheet HTML 6Page - Maxim Integrated Products MAX1361 Datasheet HTML 7Page - Maxim Integrated Products MAX1361 Datasheet HTML 8Page - Maxim Integrated Products MAX1361 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
4-Channel, 10-Bit, System Monitor with Programmable
Trip Window and SMBus Alert Response
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 3.6V (MAX1361), VDD = 4.5V to 5.5V (MAX1362), VREF = 2.048V (MAX1361), VREF = 4.096V (MAX1362), CREF =
0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
AIN0–AIN3, A0, REF to GND......................-0.3V to (VDD + 0.3V)
SDA, SCL, INT to GND .............................................-0.3V to +6V
Maximum Current Into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ........444.4mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (fSAMPLE = 94.4ksps) (Note 1)
Resolution
10
Bits
Relative Accuracy
INL
(Note 2)
±1
LSB
Differential Nonlinearity
DNL
No missing codes
±1
LSB
Offset Error
±1
LSB
Offset-Error Temperature
Coefficient
Relative to FSR
0.3
ppm/
°C
Gain Error
(Note 3)
±1
LSB
Gain Temperature Coefficient
Relative to FSR
0.3
ppm/
°C
Channel-to-Channel Offset
Matching
±0.1
LSB
Channel-to-Channel Gain
Matching
±0.1
LSB
DYNAMIC PERFORMANCE (fIN(SINE-WAVE) = 10kHz, VIN(P-P) = VREF, fSAMPLE = 94.4ksps)
Signal-to-Noise Plus Distortion
SINAD
60
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-70
dB
Spurious-Free Dynamic Range
SFDR
70
dB
Full-Power Bandwidth
SINAD > 57dB
3.0
MHz
Full-Linear Bandwidth
-3dB point
5.0
MHz
CONVERSION RATE
Internal clock
6.8
Conversion Time (Note 4)
tCONV
External clock
10.6
µs
Internal clock, SCAN[1:0] = 01
53
External clock
94.4
Throughput Rate (Note 5)
fSAMPLE
Monitor mode, SCAN[1:0] = 10
150
ksps


Similar Part No. - MAX1361

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361 MAXIM-MAX1361 Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361EUB MAXIM-MAX1361EUB Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361LEUB MAXIM-MAX1361LEUB Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361MEUB MAXIM-MAX1361MEUB Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361 MAXIM-MAX1361_06 Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
More results

Similar Description - MAX1361

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361 MAXIM-MAX1361_06 Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
MAX1363 MAXIM-MAX1363 Datasheet
363Kb / 24P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 1; 3/05
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153_10 Datasheet
474Kb / 30P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com