Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2704G+TR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2704G+TR
Description  1280-Bit EEPROM with SHA-1 Authentication
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2704G+TR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2704G+TR Datasheet HTML 1Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 2Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 3Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 4Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 5Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 6Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 7Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 8Page - Maxim Integrated Products DS2704G+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS2704: 1280-Bit EEPROM with SHA-1 Authentication
4 of 18
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
6
DQ
Serial interface data I/O pin. Bi-directional data transmit and receive at 16KBPS
or 143KBPS
5
VSS
Supply GND and reference for serial communication. Attach VSS to battery
pack negative terminal
1
VDD
Supply input. Bypass to VSS with 0.01
mF typical
2, 3, 4
NC
No Connection
Figure 1. Block Diagram
EEPROM STATUS
Data Field
1-Wire Interface
Memory Control
CRC Generator
DQ
VSS
SHA-1 Algorithm,
Constants and W0-
W15, A-E Registers
VDD
Multi-Stage
Charge Pump
64 bit ROM ID
Vpp
EEPROM Memory
Data Field
5 page x 32 byte
(1280 bit)
64 bit Secret
Dout’
Din
DETAILED DESCRIPTION
The DS2704 is comprised of an EEPROM memory array and SHA-1 Authentication function that are accessed via
a 1-Wire interface. The 1-Wire interface controls access by a host system to the 64-bit Net Address (ROM ID),
SHA-1 Authentication, 1280-bit EEPROM memory and EEPROM Status.
The DS2704 operates in one of four modes: standby, communication, computation and programming. Standby
mode is the default mode of operation. Whenever any task has been completed, the IC will automatically return to
standby mode. Standby mode is also directly entered if DQ is low for a period of tRSTL. Once standby mode has
been entered, DQ can be returned to logic high and standby mode is retained. Most operations are performed in
communication mode, with the host system addressing the DS2704 using Net Address commands and then
retrieving EEPROM and Status data using memory function commands or setting up an authentication exchange
and retrieving the results. The supply current, IDD1, varies depending on bus activity, communication direction, and
selection of Standard or Overdrive bus timing.
In SHA-1 computation mode, the supply current increases to IDD2 for a period of tSHA. The computation mode load
current occurs after the last bit of one of the Compute MAC function commands is sent.


Similar Part No. - DS2704G+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703 Datasheet
238Kb / 20P
   SHA-1 Battery Pack Authentication IC
logo
TT Electronics.
DS2703 TTELEC-DS2703 Datasheet
540Kb / 4P
   Economic Industrial Transmitter
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2703G MAXIM-DS2703G Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2703GTR MAXIM-DS2703GTR Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
More results

Similar Description - DS2704G+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2705 MAXIM-DS2705 Datasheet
211Kb / 18P
   SHA-1 Authentication Master
050506
DS2705 MAXIM-DS2705_V01 Datasheet
356Kb / 18P
   SHA-1 Authentication Master
2007
logo
Dallas Semiconductor
DS2705 DALLAS-DS2705_07 Datasheet
339Kb / 18P
   SHA-1 Authentication Master
DS2703 DALLAS-DS2703 Datasheet
238Kb / 20P
   SHA-1 Battery Pack Authentication IC
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
   1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
DS2703 DALLAS-DS2703_07 Datasheet
369Kb / 20P
   SHA-1 Battery Pack Authentication IC
DS2432 DALLAS-DS2432 Datasheet
165Kb / 30P
   1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com