Electronic Components Datasheet Search |
|
SP4-L2-DC6 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works) |
|
SP4-L2-DC6 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works) |
4 / 6 page SP 255 ACCESSORIES mm inch Soldering socket SP2-SS SP4-SS 38 ±0.6 1.496 ±.024 35 ±0.6 1.378 ±.024 23 ±1 .906 ±.039 7.5 ±0.3 .295 ±.012 20.32 ±0.4 .800 ±.016 40.64 ±0.4 1.600 ±.016 56 ±1 2.205 ±.039 48 ±1 1.890 ±.039 15.24 ±0.4 .600 ±.016 4.5 ±0.3 .177 ±.012 R2.25 R.089 12 ±0.3 .472 ±.012 5 ±0.3 .197 ±.012 7.7 ±0.3 .303 ±.012 24.5 ±0.4 .965 ±.016 52.8 ±0.6 2.079 ±.024 MADE IN JAPAN 48 ±0.6 1.890 ±.024 7.5 ±0.3 .295 ±.012 23 ±1 .906 ±.039 20.32 ±0.4 .800 ±.016 40.64 ±0.4 1.600 ±.016 56 ±1 2.205 ±.039 60 ±1 2.362 ±.039 30.48 ±0.4 1.200 ±.016 4.5 ±0.3 .177 ±.012 R2.25 R.089 12 ±0.3 .472 ±.012 5 ±0.3 .197 ±.012 7.7 ±0.3 .303 ±.012 38 ±0.6 1.496 ±.024 52.8 ±0.6 2.079 ±.024 15.24 ±0.4 .600 ±.016 MADE IN JAPAN Wrapping socket SP2-WS SP4-WS 38 ±0.6 1.496 ±.024 35 ±0.6 1.378 ±.024 23 ±1 .906 ±.039 7.5 ±0.3 .295 ±.012 20.32 ±0.4 .800 ±.016 40.64 ±0.4 1.600 ±.016 56 ±1 2.205 ±.039 48 ±1 1.890 ±.039 15.24 ±0.4 .600 ±.016 4.5 ±0.3 .177 ±.012 12 ±0.3 .472 ±.012 5 ±0.3 .197 ±.012 52.8 ±0.6 2.079 ±.024 1.5 .059 25 ±0.4 .984 ±.016 R2.25 R.089 24.5 ±0.4 .965 ±.016 MADE IN JAPAN 48 ±0.6 1.890 ±.024 7.5 ±0.3 .295 ±.012 23 ±1 .906 ±.039 20.32 ±0.4 .800 ±.016 40.64 ±0.4 1.600 ±.016 56 ±1 2.205 ±.039 60 ±1 2.362 ±.039 30.48 ±0.4 1.200 ±.016 4.5 ±0.3 .177 ±.012 R2.25 R.089 12 ±0.3 .472 ±.012 5 ±0.3 .197 ±.012 15.24 ±0.4 .600 ±.016 38 ±0.6 1.496 ±.024 25 ±0.4 .984 ±.016 52.8 ±0.6 2.079 ±.024 1.5 .059 MADE IN JAPAN Mounting hole drilling diagram 53.7 ±0.2 2.114 ±.008 35 ±0.2 1.378 ±.008 25.2 ±0.2 .992 ±.008 38 ±0.2 1.496 ±.008 2-DIA. HOLES 5.0 ±0.1 2-DIA. HOLES .197 ±.004 53.7 ±0.2 2.114 ±.008 48 ±0.2 1.890 ±.008 38.9 ±0.2 1.531 ±.008 2-DIA. HOLES 5.0 ±0.1 2-DIA. HOLES .197 ±.004 Notes: (1) Mounting screws and the fastening bracket are included in the package. (2) Mount the relay with the proper mount- ing direction — i.e. with the direction of the NAIS mark on top of the relay case match- ing the direction of the NAIS mark on the terminal block. (The ; direction of the terminal block is the upward direction of the relay.) Performance profile Note: Do not remove the relay while it is ON. Item SP2, socket with solder SP4, socket with solder SP2, wrap- ping socket SP4, wrap- ping socket Withstand volt- age AC 3,000V, 1 min., between each terminal Insulation resistance 1,000 M Ω min Ambient working temperature –50 to +60 °C –58 to +140°F Maximum current, ON current 15 A 10 A 12 A 10 A |
Similar Part No. - SP4-L2-DC6 |
|
Similar Description - SP4-L2-DC6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |