Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62002APG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TD62002APG
Description  TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002APG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TD62002APG Datasheet HTML 1Page - Toshiba Semiconductor TD62002APG Datasheet HTML 2Page - Toshiba Semiconductor TD62002APG Datasheet HTML 3Page - Toshiba Semiconductor TD62002APG Datasheet HTML 4Page - Toshiba Semiconductor TD62002APG Datasheet HTML 5Page - Toshiba Semiconductor TD62002APG Datasheet HTML 6Page - Toshiba Semiconductor TD62002APG Datasheet HTML 7Page - Toshiba Semiconductor TD62002APG Datasheet HTML 8Page - Toshiba Semiconductor TD62002APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TD62001~004APG/AFG
2002-12-11
4
Electrical Characteristics (Ta = 25°C unless otherwise noted)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VCE = 50 V, Ta = 25°C
50
Ooutput leakage current
ICEX
1
VCE = 50 V, Ta = 85°C
100
mA
IOUT = 350 mA, IIN = 500 mA
1.3
1.6
IOUT = 200 mA, IIN = 350 mA
1.1
1.3
Collector−emitter saturation voltage
VCE (sat)
2
IOUT = 100 mA, IIN = 250 mA
0.9
1.1
V
DC current transfer ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
TD62002
VIN = 20 V, IOUT = 350 mA
1.1
1.7
TD62003
VIN = 2.4 V, IOUT = 350 mA
0.4
0.7
Input current (output on)
TD62004
IIN (ON)
3
VIN = 9.5 V, IOUT = 350 mA
0.8
1.2
mA
Input current (output off)
IIN (OFF)
4
IOUT = 500 mA, Ta = 85°C
50
65
mA
IOUT = 350 mA
13.7
TD62002
IOUT = 200 mA
11.4
IOUT = 350 mA
2.6
TD62003
IOUT = 200 mA
2.0
IOUT = 350 mA
4.7
Input voltage (output on)
TD62004
VIN (ON)
5
VCE = 2 V
hFE = 800
IOUT = 200 mA
4.4
V
VR = 50 V, Ta = 25°C
50
Clamp diode reverse current
IR
6
VR = 50 V, Ta = 85°C
100
mA
Clamp diode forward voltage
VF
7
IF = 350 mA
2.0
V
Input capacitance
CIN
15
pF
Turn−on delay
tON
8
VOUT = 50 V, RL = 125 W
CL = 15 pF
0.1
Turn−off delay
tOFF
8
VOUT = 50 V, RL = 125 W
CL = 15 pF
0.2
ms


Similar Part No. - TD62002APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62002APG TOSHIBA-TD62002APG Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
More results

Similar Description - TD62002APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62S310AFM TOSHIBA-TD62S310AFM Datasheet
86Kb / 6P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4012AFE TOSHIBA-TA4012AFE Datasheet
60Kb / 4P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com