Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5638 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQ5638
Description  2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5638 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQ5638 Datasheet HTML 1Page - TriQuint Semiconductor TQ5638 Datasheet HTML 2Page - TriQuint Semiconductor TQ5638 Datasheet HTML 3Page - TriQuint Semiconductor TQ5638 Datasheet HTML 4Page - TriQuint Semiconductor TQ5638 Datasheet HTML 5Page - TriQuint Semiconductor TQ5638 Datasheet HTML 6Page - TriQuint Semiconductor TQ5638 Datasheet HTML 7Page - TriQuint Semiconductor TQ5638 Datasheet HTML 8Page - TriQuint Semiconductor TQ5638 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary – TQ5638
Data Sheet
For additional information and latest specifications, see our website: www.triquint.com
3
Pin Descriptions:
Pin Name
Pin #
Description and Usage
Iset_PCS
1 Bias resistor for PCS LNA.
PLNA_IN
2 PCS LNA input. Requires a blocking capacitor, which may be used as part of the
input-matching network.
Vdd_LNA
3 Power supply pin for PCS and GPS LNAs. Bypass with a capacitor as close to the
pin as possible.
GLNA_IN
4 GPS LNA input. Requires LC match.
GPS_GND
5 GPS Ground.
Vdd_LO
6 Supply voltage for LO buffers.
GPS_LNA_OUT
7 GPS LNA output.
PLO_IN
8 PCS LO input.
GLO_IN
9 GPS LO input.
GND
10 Ground.
GPS_Mix_IN
11 GPS Mixer input.
PLO_OUT
12 PCS LO buffer output. Does not require a blocking capacitor.
GPS_Mix_OUT-
13 Negative GPS IF output.
GPS_Mix_OUT+
14 Positive GPS IF output.
Vcc_Mix
15 Supply voltage for all mixers.
MIX_GND
16 Mixer Ground.
PCDMA_OUT-
17 Negative CDMA output.
PCDMA_OUT+
18 Positive CDMA output.
Vdd_DIG
19 Supply voltage for Logic Control Circuits.
PM_IN
20 PCS Mixer RF input.
BUFFEN
21 LO output buffer enable. Set BUFFEN pin HIGH to power up the PCS LO buffer
output.
LIN/GPS
22 Logic input for high or low linearity. Logic HIGH selects High Linearity.
PCS_ON
23 Power on for PCS. Logic HIGH selects PCS Band.
PLNA_OUT
24 PCS LNA output. Requires a pull-up inductor to Vcc and a series blocking capacitor,
which can be used as part of the output-matching network.


Similar Part No. - TQ5638

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
More results

Similar Description - TQ5638

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5139 TRIQUINT-TQ5139 Datasheet
263Kb / 16P
   2.8V SiGe Dual-Mode CDMA Rx Receiver
logo
Fujitsu Component Limit...
FAR-F5KB-881M50-B4ED FUJITSU-FAR-F5KB-881M50-B4ED Datasheet
103Kb / 6P
   CDMA Rx (50/100ohm)
logo
Oscilent Corporation
803-RF384.0M-A OSCILENT-803-RF384.0M-A Datasheet
534Kb / 3P
   CDMA Rx RF SAW Filter
logo
Transko Electronics, In...
TA384AP TRANSKO-TA384AP Datasheet
301Kb / 4P
   CDMA, RF-Rx SAW Filter
Revision 0: June 2004
logo
Oscilent Corporation
801-RF881.5M-D OSCILENT-801-RF881.5M-D Datasheet
219Kb / 3P
   CDMA, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA881DM TRANSKO-TA881DM Datasheet
366Kb / 4P
   CDMA , RF-Rx SAW Filter
Revision 1: July 2015
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16_14 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
logo
Fujitsu Component Limit...
FAR-F6KA-2G1400-D4CG FUJITSU-FAR-F6KA-2G1400-D4CG Datasheet
216Kb / 5P
   W-CDMA I (2G) Rx
logo
Transko Electronics, In...
TA881DL TRANSKO-TA881DL Datasheet
344Kb / 4P
   CDMA, RF-Rx SAW Filter
Revision 0:
logo
TriQuint Semiconductor
TQM7136 TRIQUINT-TQM7136 Datasheet
97Kb / 16P
   3V HBT SiGe CDMA POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com