Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1809 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1809
Description  LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1809 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1809 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SSD1809
SOLOMON
9
REV 1.3
03/02
RD (Read Cycle)
D/C
D
0 -D7 (Write Cycle)
D
0-D7 (Read Cycle)
CE
t
AS
t
cycle
t
EH
tDS
t
DD
tDHW
tDHR
tAH
WR (Write Cycle)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Enable Cycle Time
1000
-
-
ns
tEH
Enable Pulse Width
-
500
-
ns
tAS
Address Setup Time
-
200
-
ns
tAH
Address Hold Time
-
250
-
ns
tDS
Data Setup Time for Write Cycle
-
350
-
ns
tDHW
Data Hold Time for Write Cycle
-
250
-
ns
tDD
Data Delay Time for Read Cycle
-
350
-
ns
tDHR
Data Hold Time for Read Cycle
-
100
-
ns
Table 2 : Timing Characteristics for 80-Series Parallel Interface (TA=-30 to 85
oC, DV
DD=2.2 to 3.5V, VSS=0V)
Figure 3 : Timing Characteristics for 80-Series Parallel Interface
Note: In Read Cycle, the WR pin should be High. In Write Cycle, the RD pin should be High.


Similar Part No. - SSD1809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
SSD1800AV ETC-SSD1800AV Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
SSD1800Z ETC-SSD1800Z Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
SSD1801 ETC-SSD1801 Datasheet
762Kb / 42P
   LCD Segment / Common Driver with Controller for Character Display System
SSD1801AV ETC-SSD1801AV Datasheet
762Kb / 42P
   LCD Segment / Common Driver with Controller for Character Display System
More results

Similar Description - SSD1809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
logo
List of Unclassifed Man...
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com