Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC20 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74AC20
Description  DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC20 Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC20 Datasheet HTML 1Page - Integral Corp. IN74AC20 Datasheet HTML 2Page - Integral Corp. IN74AC20 Datasheet HTML 3Page - Integral Corp. IN74AC20 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74AC20
4
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limit
Symbol
Parameter
V
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A , B, C or D
to Output Y (Figure 1)
3.3
5.0
2.0
1.5
8.5
7.0
1.5
1.0
10.0
8.0
ns
tPHL
Propagation Delay, Input A , B, C or D
to Output Y (Figure 1)
3.3
5.0
1.5
1.5
7.0
6.0
1.0
1.0
9.0
7.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,VCC=5.0 V
CPD
Power Dissipation Capacitance
40
pF
*Voltage Range 3.3 V is 3.3 V ±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn