Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX163SJX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LVX163SJX
Description  Low Voltage Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX163SJX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74LVX163SJX Datasheet HTML 1Page - National Semiconductor (TI) 74LVX163SJX Datasheet HTML 2Page - National Semiconductor (TI) 74LVX163SJX Datasheet HTML 3Page - National Semiconductor (TI) 74LVX163SJX Datasheet HTML 4Page - National Semiconductor (TI) 74LVX163SJX Datasheet HTML 5Page - National Semiconductor (TI) 74LVX163SJX Datasheet HTML 6Page - National Semiconductor (TI) 74LVX163SJX Datasheet HTML 7Page - National Semiconductor (TI) 74LVX163SJX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note)
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
DC Input Voltage (VI)
b
05V to 7V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
25 mA
DC VCC or Ground Current
(ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Power Dissipation
180 mW
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating
Conditions
Supply Voltage (VCC)
20V to 36V
Input Voltage (VI)
0V to 55V
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
b
40 Cto a85 C
Input Rise and Fall Time (Dt Dv)
0 nsV to 100 nsV
DC Electrical Characteristics
Symbol
Parameter
VCC
74LVX163
74LVX163
Units
Conditions
TA ea25 C
TA e
b
40 Cto a85 C
Min
Typ
Max
Min
Max
VIH
High Level
20
15
15
Input
30
20
20
V
Voltage
36
24
24
VIL
Low Level
20
05
05
Input
30
08
08
V
Voltage
36
08
08
VOH
High Level
20
19
20
19
VIN e VIL or VIH
IOH eb50 mA
Output
30
29
30
29
V
IOH eb50 mA
Voltage
30
258
248
IOH eb4mA
VOL
Low Level
20
00
01
01
VIN e VIL or VIH
IOL e 50 mA
Output
30
00
01
01
V
IOL e 50 mA
Voltage
30
036
044
IOL e 4mA
IIN
Input
36
g
01
g
10
m
AVIN e 55V or GND
Leakage
Current
ICC
Quiescent
36
20
200
m
AVIN e VCC or GND
Supply
Current
http
www nationalcom
4


Similar Part No. - 74LVX163SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX163SJ FAIRCHILD-74LVX163SJ Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
More results

Similar Description - 74LVX163SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com