Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ3844BCD Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PJ3844BCD
Description  High Performance Current Mode Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ3844BCD Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PJ3844BCD Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 9Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 10Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 11Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 12Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 13Page - List of Unclassifed Manufacturers PJ3844BCD Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PJ3844B / PJ3845B
High Performance Current Mode Controller
11-14
2004/11. Rev B
FIGURE 32-SLOPE COMPENSATION
The buffered oscillator ramp can resistively summed with either the voltage
feedback or current sense inputs to provide slope compensation.
FIGURE 33-27 WATT OFF-LINE REGULATION
T1-Primary:45 Turns #26 AWG
Secondary ±12V :9 Turns #30 AWG (2 strands ) Bifiliar Wound
L1-15μH at 5.0A, Coilcraft 27156.
Secondary 5.0V: 4 Turns (six strands) #26 Hexfiliar Wound
L2.L3-25μH at 1.0A, Coilcraft 27157.
Secondary Feedback : 10 Turns #30 AWG (2 strands) Bifiliar Wound
Core: Ferroxcube EC35-3C8
Bobbin : Ferroxcube EC35PCB1
Gap:
10
.
0
” for a primary inductance of 1.0mH
Line Regulation:5.0V
Vin=95 to 130 Vac
 
=50mV or ±0.5%
Line Regulation:±12V
 
=24mV or ±0.1%
Load Regulation:5.0V
Vin=115Vac, Iout =1.0A to 4.0A
 
=300mV or ±3.0%
Load Regulation:±12V
Vin=115Vac,Iout=100mA to 300mA
 
=60mV or ±0.25%
Output Ripple:5.0V
Vin=115Vac
40mVp-p
Output Ripple:±12V
80 Vp-p
Efficiency
Vin=115Vac
70%
All outputs are at nominal load currents unless otherwise noted.


Similar Part No. - PJ3844BCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3842 ETC1-PJ3842 Datasheet
845Kb / 14P
   High Performance Current Mode Controller
PJ3842B ETC-PJ3842B Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3842B ETC1-PJ3842B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
PJ3842BCD ETC-PJ3842BCD Datasheet
375Kb / 15P
   High Performance Current Mode Controller
More results

Similar Description - PJ3844BCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com