Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1117APIC Datasheet(PDF) 4 Page - AUK corp

Part No. S1117APIC
Description  Adjustable and Fixed LDO Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUK [AUK corp]
Homepage  https:www.auk.co.kr
Logo 

S1117APIC Datasheet(HTML) 4 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSI-2065-002
4
S1117APIC/S1117-xxPIC
Typical Applications
C
V
R
S1117A
10
10
O
(Fixed Version)
Adj/GND
O
I
L
I
V
C
Fig. 1 Fixed Voltage Regulator
125Ω
(1)
225Ω
(1)
C
10
Adj
Vout=3.5V
S1117-xx
1
I
10
2
O
O
C
(Fixed Version)
V
I
R
V
R
VO=VADJ * (1 + R2/R1) + IADJ*R2
Fig. 2 Adjustable Voltage Regulator
Notes:
1) CI needed if device is far from filter capacitors
2) CO minimum value required for stability
IADJ


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn