Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX163MX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LVX163MX
Description  Low Voltage Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX163MX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LVX163MX Datasheet HTML 1Page - National Semiconductor (TI) 74LVX163MX Datasheet HTML 2Page - National Semiconductor (TI) 74LVX163MX Datasheet HTML 3Page - National Semiconductor (TI) 74LVX163MX Datasheet HTML 4Page - National Semiconductor (TI) 74LVX163MX Datasheet HTML 5Page - National Semiconductor (TI) 74LVX163MX Datasheet HTML 6Page - National Semiconductor (TI) 74LVX163MX Datasheet HTML 7Page - National Semiconductor (TI) 74LVX163MX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF12157
December 1996
74LVX163
Low Voltage Synchronous Binary Counter with
Synchronous Clear
General Description
The LVX163 is a synchronous modulo-16 binary counter
This device is synchronously presettable for application in
programmable dividers and has two types of Count Enable
inputs plus a Terminal Count output for versatility in forming
multistage counters The CLK input is active on the rising
edge Both PE and CLR inputs are active on low logic lev-
els Presetting is synchronous to rising edge of CLK and the
Clear function of the LVX163 is synchronous to CLK Two
enable inputs (ENP and ENT) and Carry Output are provid-
ed to enable easy cascading of counters which facilitates
easy implementation of n-bit counters without using external
gates
The inputs tolerate voltages up to 7V allowing the interface
of 5V systems to 3V systems
Features
Y
Input voltage level translation from 5V to 3V
Y
Ideal for low powerlow noise 33V applications
Y
Available in SOIC JEDEC
SOIC EIAJ
and TSSOP
packages
Y
Guaranteed simultaneous switching noise and dynamic
threshold performance
Logic Symbols
TLF12157 – 1
IEEEIEC
TLF12157 – 2
Connection Diagram
Pin Assignment for
TSSOP and SOIC
TLF12157 – 3
SOIC JEDEC
SOIC EIAJ
TSSOP
Order Number
74LVX163M
74LVX163SJ
74LVX163MTC
74LVX163MX
74LVX163SJX
74LVX163MTCX
See NS Package
M16A
M16D
MTC16
Number
Pin
Description
Names
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
MR
Synchronous Master Reset Input
P0–P3
Parallel Data Inputs
PE
Parallel Enable Inputs
Q0–Q3
Flip-Flop Outputs
TC
Terminal Count Output
C1996 National Semiconductor Corporation
RRD-B30M17Printed in U S A
http
www nationalcom


Similar Part No. - 74LVX163MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX163M FAIRCHILD-74LVX163M Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
74LVX163MTC FAIRCHILD-74LVX163MTC Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
More results

Similar Description - 74LVX163MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com