Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ3843 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PJ3843
Description  High Performance Current Mode Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ3843 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PJ3843 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 9Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 10Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 11Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 12Page - List of Unclassifed Manufacturers PJ3843 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PJ3842B / PJ3843B
High Performance Current Mode Controller
9-14
2004/11.Rev B
FIGURE 20-EXTERNAL CLOCK
SYNCHRONIZATION
FIGURE 21-EXTERNAL DUTY CYCLE CLAMP AND
MULTI UNIT SYNCHRONIZATION
The diode clamp is required if the Sync amplitude is large enough
to the cause the bottom side of CT to go more than 300mV below
ground.
()
B
A
R
R
1.44
f
+
=
B
A
B
MAX
2R
R
R
D
+
=
FIGURE 22-ADJUSTABLE REDUCTION OF CLAMP
LEVEL
FIGURE 23-SOFT-START CIRCUIT
1.0V
Vclmap
Where
Rs
Vclmap
(max)
I
pk
=
+
×
+
+
=
R2
R1
R2
R1
10
0.33
1
R1
R2
1.67
Vclamp
3
Isoft-Start=3600c in µF
FIGURE 24-ADJUSTABLE BUFFERED REDUCTION
OF CLAMP LEVEL WITH SOFT-STAR
FIGURE 25-CURRENT SENSING POWER MOSFET
Virtually lossless current sensing can be achieved with the
implementation of a SENSEFET power switch.For proper operation
during over current conditions.a reduction of the Ipk(max) clamp level
must be implemented.Refer to Figure 22 and 24


Similar Part No. - PJ3843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3842B ETC-PJ3842B Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3842BCD ETC-PJ3842BCD Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3842BCS ETC-PJ3842BCS Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3844 ETC1-PJ3844 Datasheet
840Kb / 14P
   High Performance Current Mode Controller
More results

Similar Description - PJ3843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com