Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX163 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 74LVX163
Description  Low Voltage Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

74LVX163 Datasheet(HTML) 1 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF12157
December 1996
74LVX163
Low Voltage Synchronous Binary Counter with
Synchronous Clear
General Description
The LVX163 is a synchronous modulo-16 binary counter
This device is synchronously presettable for application in
programmable dividers and has two types of Count Enable
inputs plus a Terminal Count output for versatility in forming
multistage counters The CLK input is active on the rising
edge Both PE and CLR inputs are active on low logic lev-
els Presetting is synchronous to rising edge of CLK and the
Clear function of the LVX163 is synchronous to CLK Two
enable inputs (ENP and ENT) and Carry Output are provid-
ed to enable easy cascading of counters which facilitates
easy implementation of n-bit counters without using external
gates
The inputs tolerate voltages up to 7V allowing the interface
of 5V systems to 3V systems
Features
Y
Input voltage level translation from 5V to 3V
Y
Ideal for low powerlow noise 33V applications
Y
Available in SOIC JEDEC
SOIC EIAJ
and TSSOP
packages
Y
Guaranteed simultaneous switching noise and dynamic
threshold performance
Logic Symbols
TLF12157 – 1
IEEEIEC
TLF12157 – 2
Connection Diagram
Pin Assignment for
TSSOP and SOIC
TLF12157 – 3
SOIC JEDEC
SOIC EIAJ
TSSOP
Order Number
74LVX163M
74LVX163SJ
74LVX163MTC
74LVX163MX
74LVX163SJX
74LVX163MTCX
See NS Package
M16A
M16D
MTC16
Number
Pin
Description
Names
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
MR
Synchronous Master Reset Input
P0–P3
Parallel Data Inputs
PE
Parallel Enable Inputs
Q0–Q3
Flip-Flop Outputs
TC
Terminal Count Output
C1996 National Semiconductor Corporation
RRD-B30M17Printed in U S A
http
www nationalcom


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn