Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LVCC4245A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. HD74LVCC4245A
Description  Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCC4245A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVCC4245A Datasheet HTML 1Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 2Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 3Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 4Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 5Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 6Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 7Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 8Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.1.00 Aug. 23, 2004 page 1 o10
HD74LVCC4245A
Octal Dual-supply Bus Transceiver with configurable
output voltage with 3-state Outputs
REJ03D0380–0100
(Previous ADE-205-685 (Z))
Rev.1.00
Aug. 23, 2004
Description
The HD74LVCC4245A has eight bus transceivers with three state outputs in a 24 pin package. When (DIR) is high,
data flows from the A inputs to the B outputs, and when (DIR) is low, data flows from the B inputs to the A outputs. A
and B bus are separated by making enable input (
OE) high level. This 8-bit non-inverting bus transceiver uses two
separate power-supply rails.
And this product has two terminals (VCCA, VCCB), VCCA is connected with control input and a bus side, VCCB is
connected with B bus side. VCCA and VCCB are isolated.
The A port, VCCA, is dedicated to accept a 5 V supply level, and the configurable B port, which is designed to track
VCCB, accepts voltages from 3 V to 5 V. This allows for translation from a 3.3 V to a 5 V environment and vice versa.
Low voltage and high-speed operation is suitable at the battery drive product (note type personal computer) and low
power consumption extends the life of a battery for long time operation.
Features
• This product function as level shift transceiver that change V
CCA input level to VCCB output level, VCCB input level to
VCCA output level by providing different supply voltage to VCCA and VCCB.
• This product is able to the power management: Turn on and off the supply on V
CCB side with providing the supply
of VCCA. (Enable input (OE): High level )
• V
CCA = 4.5 V to 5.5 V, VCCB = 2.7 V to 5.5 V
• All control input V
I (max) = 5.5 V (@VCCA = 0 V to 5.5 V)
• All A bus side input outputs V
I/O (max) = 5.5 V
(@VCCA = 0 V or output off state)
• All B bus side input outputs V
I/O (max) = 5.5 V
(@VCCB = 0 V or output off state)
• High output current
A bus side: ±24 mA (@VCCA = 4.5 V)
B bus side: ±24 mA (@VCCB = 2.7 V to 4.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVCC4245ATEL
TSSOP–24 pin
TTP–24DBV
T
EL (1,000 pcs/reel)


Similar Part No. - HD74LVCC4245A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HD74LVCC4245A RENESAS-HD74LVCC4245A Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245ATEL RENESAS-HD74LVCC4245ATEL Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A_05 Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A_15 Datasheet
117Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
More results

Similar Description - HD74LVCC4245A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HD74LVCC4245A RENESAS-HD74LVCC4245A_15 Datasheet
117Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A_05 Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
Texas Instruments
Texas Instruments
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC4245A PERICOM-PI74LVCC4245A Datasheet
501Kb / 11P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
Texas Instruments
Texas Instruments
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
236Kb / 16P
[Old version datasheet]   8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Integrated Device Technology
Integrated Device Techn...
IDT74LVCC4245 IDT-IDT74LVCC4245 Datasheet
94Kb / 10P
   CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz