Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LVCC4245A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HD74LVCC4245A
Description  Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCC4245A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVCC4245A Datasheet HTML 1Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 2Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 3Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 4Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 5Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 6Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 7Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 8Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LVCC4245A
Rev.1.00 Aug. 23, 2004 page 5 of 10
Electrical Characteristics (cont)
(Ta = –40 to 85°C)
Item
Symbol
VCCA (V)
VCCB (V)
Min
Max
Unit
Test Conditions
3.6
Input current
IIN
5.5
5.5
±1
µA
Control input
VI = VCCA or GND
3.6
Off state
output current
IOZ
5.5
5.5
±5
µA
VI(CONT) = VIH or VIL,
VO = VCCA, VCCB or GND
Output leak current
IOFF
00
20
µA
A port, VI/O = 5.5 V,
B port, VI/O = 3.6 V
5.5
OPEN
80
An = VCCA or GND,
Control input = VCCA
3.6
80
ICCA
5.5
5.5
80
B to A,
Control input =VCCA or GND
Bn = VCCB or GND,
IO (A port) = 0
3.6
50
Quiescent
supply current
ICCB
5.5
5.5
80
µA
A to B,
Control input =VCCA or GND
An = VCCA or GND,
IO (B port) = 0
∆ICCA
5.5
5.5
1.5
A port or Control input,
One input at VCCA–2.1 V,
Other input at VCCA at GND
Increase in ICC
per input
*1
∆ICCB
5.5
3.6
0.5
mA
B port ,
One input at VCCB–0.6 V,
Other input at VCCB or GND
Control input at GND
Notes: For condition shown as Min or Max, use the appropriate values under recommended operating conditions.
1.
This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC
or GND.
Capacitance
(Ta = 25°C)
Item
Symbol
VCCA (V)
VCCB (V)
Min
Typ
Max
Unit
Test Conditions
Control Input, capacitance
CIN
53.3
5
pF
VI = VCCA or GND
Input / output capacitance
CI/O
53.3
11
pF
A port, VI = VCCA or GND,
B port, VI = VCCB or GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn