Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LVCC4245A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. HD74LVCC4245A
Description  Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCC4245A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVCC4245A Datasheet HTML 1Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 2Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 3Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 4Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 5Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 6Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 7Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 8Page - Renesas Technology Corp HD74LVCC4245A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD74LVCC4245A
Rev.1.00 Aug. 23, 2004 page 4 of 10
Block Diagram
OE
B1
DIR
A1
22
21
2
3
To seven other channels
Electrical Characteristics
(Ta = –40 to 85°C)
Item
Symbol
VCCA (V)
VCCB (V)
Min
Max
Unit
Test Conditions
VIHA
4.5 to 5.5
2.7 to 5.5
2
A port
4.5 to 5.5
2.7 to 3.6
2
VIHB
4.5 to 5.5
4.5 to 5.5
VCCB×0.7
B port
VIH
4.5 to 5.5
2.7 to 5.5
2
Control input
VILA
4.5 to 5.5
2.7 to 5.5
0.8
A port
4.5 to 5.5
2.7 to 3.6
0.8
VILB
4.5 to 5.5
4.5 to 5.5
VCCB×0.3
B port
Input voltage
VIL
4.5 to 5.5
2.7 to 5.5
0.8
V
Control input
4.4
IOH = –100
µA
VOHA
4.5
3.0
3.76
IOH = –24 mA
4.5
3.0
2.9
IOH = –100
µA
2.7
2.2
4.5
3.0
2.46
IOH = –12 mA
2.7
2.1
3.0
2.25
VOHB
4.5
4.5
3.76
IOH = –24 mA
0.1
IOL = 100
µA
VOLA
4.5
3.0
0.44
IOL = 24 mA
4.5
3.0
0.1
IOL = 100
µA
4.5
2.7
0.44
IOL = 12 mA
2.7
0.5
3.0
0.44
Output voltage
VOLB
4.5
4.5
0.44
V
IOL = 24 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn