Electronic Components Datasheet Search |
|
CXA3355ER Datasheet(PDF) 9 Page - Sony Corporation |
|
CXA3355ER Datasheet(HTML) 9 Page - Sony Corporation |
9 / 28 page – 9 – CXA3355ER IF Output Signal (DATA_OUT) (VCC1 = VCC2 = 1.8V, VCC3 = OPEN, Ta = 25°C) Item DATA_OUT rise time DATA_OUT fall time Symbol DTr DTf ENABLE Signal (VCC1 = 1.8 ± 0.2V, VCC1 ≤ VCC2 ≤ 3.3V, 2.7V ≤ VCC3 ≤ 3.3V, Ta = 25°C) Item Input voltage high level Input voltage low level Symbol EVIH EVIL Power-on Reset Function (VCC1 = 1.8 ± 0.2V, VCC1 ≤ VCC2 ≤ 3.3V, 2.7V ≤ VCC3 ≤ 3.3V, Ta = 25°C) Item Allowable rise time Symbol MTr TCXO (VCC1 = VCC2 = 1.8V, VCC3 = OPEN, Ta = 25°C) Item Input level CLK_OUT rise time CLK_OUT fall time Symbol Vtcxo CTr CTf Unit ns ns Unit V V Unit Vp-p ns ns Min. Typ. Max. — — 6 4 — — Min. Typ. Max. 1.2 –0.1 — — VCC2 + 0.2 0.2 Min. Typ. Max. 0.2 — — 0.6 6 4 1.2 — — Conditions Pin 7 (DATA_OUT) 10 to 90% Load = 1M Ω//13pF Pin 7 (DATA_OUT) 10 to 90% Load = 1M Ω//13pF Conditions Pin 43 (ENABLE) input voltage high level threshold voltage Pin 43 (ENABLE) input voltage low level threshold voltage Conditions ENABLE and power supply (VCC1, VCC2) rise time for the power-on reset function to operate. Note: Use an ENABLE and power supply (VCC1, VCC2) rise time of 100ms or less. Conditions Input level to Pin 14 (TCXO) Pin 13 (CLK_OUT) 10 to 90% Load = 1M Ω//13pF Pin 13 (CLK_OUT) 10 to 90% Load = 1M Ω//13pF Threshold Voltage Value (VCC1 = 1.8 ± 0.2V, VCC1 ≤ VCC2 ≤ 3.3V, 2.7V ≤ VCC3 ≤ 3.3V, Ta = 25°C) Item Logic input voltage high level Logic input voltage low level Logic output voltage high level Logic output voltage low level Symbol VIH VIL VOH VOL Unit V V V V V Min. Typ. Max. VCC2 – 0.2 –0.1 VCC3 – 0.2 VCC2 – 0.2 0 — — — — — VCC2 + 0.2 0.2 VCC3 VCC2 0.2 Conditions Logic input pins = Pin 10 (DATA), Pin 11 (CLK), Pin 12 (LT) Logic input pins = Pin 10 (DATA), Pin 11 (CLK), Pin 12 (LT) Logic output pin = Pin 2 (DIAG) Logic output pins = Pin 7 (DATA_OUT), Pin 13 (CLK_OUT) Logic output pins = Pin 7 (DATA_OUT), Pin 13 (CLK_OUT) Unit ms Min. Typ. Max. — — 100 |
Similar Part No. - CXA3355ER |
|
Similar Description - CXA3355ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |