Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3T20-5S240 Datasheet(PDF) 30 Page - Agere Systems

Part # OR3T20-5S240
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T20-5S240 Datasheet(HTML) 30 Page - Agere Systems

Back Button OR3T20-5S240 Datasheet HTML 26Page - Agere Systems OR3T20-5S240 Datasheet HTML 27Page - Agere Systems OR3T20-5S240 Datasheet HTML 28Page - Agere Systems OR3T20-5S240 Datasheet HTML 29Page - Agere Systems OR3T20-5S240 Datasheet HTML 30Page - Agere Systems OR3T20-5S240 Datasheet HTML 31Page - Agere Systems OR3T20-5S240 Datasheet HTML 32Page - Agere Systems OR3T20-5S240 Datasheet HTML 33Page - Agere Systems OR3T20-5S240 Datasheet HTML 34Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 210 page
background image
30
30
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
BIDI Routing and SLIC Connectivity
The SLIC is connected to the rest of the PLC by the
bidirectional (BIDI) routing segments and the PFU out-
put switching segments coming from the PFU output
multiplexer. The BIDI routing segments (xBID) are
labeled as BL for BIDI-left and BR for BIDI-right. Each
set of BR and BL xBID segments is composed of ten
bidirectional lines (note that these lines are diagramed
as ten input lines to the SLIC and ten output lines from
the SLIC that can be used in a mutually exclusive fash-
ion). Because the SLIC is connected directly to the out-
puts of the PFU, it provides great flexibility in routing via
the xBID segments. The PFU routing segments, O[9:0],
only connect to their respective line in the SLL, SUL,
SUR, and SLR switching segment groups. That is, O9
only connects to SLL9, SUL9, SUR9, and SLR9. The
BIDI lines provide the capability to connect to the other
member of the routing set. That means, for example,
that O9 can be routed to BR8 or BL8. This connectivity
can be used as a means to distribute or gather signals
on intra-PLC routing without disturbing inter-PLC
resources. As described in the Switching Routing Seg-
ments subsection, the BIDI routing segments are also
used for routes to a diagonally adjacent PFU.
In addition to the intra-PLC connections, the xBID and
output switching segments also have connectivity to
the x1, x5, and xL inter-PLC routing resources, provid-
ing an alternate routing path rather than using PLC
xSW segments. These connections also provide a path
to the 3-state buffers in the SLIC without encumbering
the xSW segments. In this manner, buffering or 3-state
control can be added to inter-PLC routing without dis-
turbing local functionality within a PFU.
Control Signal and Fast-Carry Routing
PFU control signal and the fast-carry routing are per-
formed using the FINS structure and several dedicated
routing paths. The fast-carry (FC) routing resources
consist of a dedicated bidirectional segment between
each orthogonal pair of PLCs. This means that a fast-
carry can go to or come from each PLC to the right or
left, above or below the subject PLC. The FINS struc-
ture is used to control the switching of these fast-carry
paths between the fast-carry input (FCIN) and fast-
carry output (FCOUT) ports of the PFU.
The PFU control inputs (CE, SEL, LSR, ASWE) and
CIN can be reached via the FINS by two special routing
segments, E1 and E2. The E1 routing segment pro-
vides connectivity between all of the xBID routing seg-
ments and the FINS. It is unidirectional from the BIDI
routing to the FINS. E1 also provides connectivity to the
PFU clock input via FINS for a local clock signal. The
E2 segment connects the SLIC DEC output to the FINS
and to a group of CIPS that provide bidirectional con-
nectivity with all of the BIDI routing segments. This
allows the DEC signal to be used in the PFU and/or
routed on the BIDI segments. It also allows signals to
be routed to the PFU on the xBID segments if the SLIC
DEC output is not used.
There is also a dedicated routing segment from the
FINS
to the SLIC TRI input used for BIDI buffer 3-state
control.


Similar Part No. - OR3T20-5S240

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T20-5S240

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com