Electronic Components Datasheet Search |
|
7-1773452-8 Datasheet(PDF) 12 Page - TE Connectivity Ltd |
|
7-1773452-8 Datasheet(HTML) 12 Page - TE Connectivity Ltd |
12 / 18 page ISM, LPWAN mmWave DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT PAGE 12 TE Part Number Product Image Frequency Band (MHz) Wireless Application Mounting Type VSWR (Max) Peak Gain (dB) Product Length (mm) Product Width (mm) Product Height (mm) Remarks 2195835 -1/ -2/ -3 868 / 915 ISM Adhesive mount Refer to data sheet Refer to data sheet 38 9 0.14 • Embedded FPC • Cable length can be customized • Mating connector types: MHF4 (MHF and SMA available on request) 2195835 -4/ -5/ -6 868 / 915 ISM Adhesive mount Refer to data sheet Refer to data sheet 38 9 0.14 • Embedded FPC • Cable length can be customized • Mating connector types: MHF4 (MHF and SMA available on request) 1513156-1/ -2 915 ISM Surface mount <2.5:1 1 38.1 6.6 1.57 • On board PCB • Packaging -1: T&R packaged -2: Bulk packaged 1513168-1 915 ISM Tab mount (Through-hole) 2 0 38.1 15.24 1.57 • On board PCB 2118898-1/ -2 915 2.4 GHz ISM, Wi-Fi, Bluetooth, ZigBee Adhesive mount 2 2.3 140 20 0.25 • Embedded flexible PCB • Cable lengths: 185, 255 mm, or custom • Mating connector type: MMCX 2108991-1 698 - 960 IoT, LPWAN, ISM Surface Mount <2:1 Refer to data sheet 18 9 1.57 • On board PCB • Packaging -1: Bulk packaged -2: T&R packaged 1513317-1 824 - 960 1710 - 2170 3G, 2G, ISM, NB-IoT, Cat-M Tab mount (Through-hole) <2.5:1 2 49.9 20.27 1.58 • On board PCB 2108788-1 824 - 960 1710 - 1990 3G, 2G, ISM Surface mount <3:1 1 37.59 11.94 1.57 • On board PCB • Packaging -1: Bulk packaged -2: T&R packaged 1513273-1 824 - 960 1710 - 1990 3G, 2G, ISM Tab mount (Through-hole) <3:1 2 37.59 15.11 1.57 • On board PCB 1513247-1 824 - 870 1850 - 1990 3G, 2G, ISM Tab mount (Through-hole) <3:1 Refer to data sheet 38.1 15.24 1.63 • On board PCB 1513169-1 824 - 894 2G, ISM Tab mount (Through-hole) <2.5:1 2 38.1 15.24 1.57 • On board PCB 2195775-1 433 ISM, Cellular IoT Terminal mount <2.0:1 1 51 9.4 - • Terminal monopole • Mating connector type: SMA 2195773-1 698 - 960 1710 - 2700 ISM, 4G, 3G, 2G, Wi-Fi Terminal mount <3:1 Refer to data sheet 115.5 17.75 - • Terminal monopole • Mating connector type: SMA TE Part Number Product Image Frequency Band (GHz) Wireless Application Mounting Type VSWR (Max) Peak Gain (dB) Product Length (mm) Product Width (mm) Product Height (mm) Remarks 2108728-1 24 - 44 5G mm Wave Screw mount Refer to data sheet Refer to data sheet 35 35 64 • Mating components 1) Cable assembly: 1-2016661-0 (2.4 mm male straight double end) 2) Adapter: 2081552-1 (2.4 mm plug to 1.85 mm jack) |
Similar Part No. - 7-1773452-8 |
|
Similar Description - 7-1773452-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |