Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3T20-5S208 Datasheet(PDF) 70 Page - Agere Systems

Part # OR3T20-5S208
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T20-5S208 Datasheet(HTML) 70 Page - Agere Systems

Back Button OR3T20-5S208 Datasheet HTML 66Page - Agere Systems OR3T20-5S208 Datasheet HTML 67Page - Agere Systems OR3T20-5S208 Datasheet HTML 68Page - Agere Systems OR3T20-5S208 Datasheet HTML 69Page - Agere Systems OR3T20-5S208 Datasheet HTML 70Page - Agere Systems OR3T20-5S208 Datasheet HTML 71Page - Agere Systems OR3T20-5S208 Datasheet HTML 72Page - Agere Systems OR3T20-5S208 Datasheet HTML 73Page - Agere Systems OR3T20-5S208 Datasheet HTML 74Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 210 page
background image
70
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Microprocessor Interface (MPI) (continued)
Status Register
The microprocessor interface status register is a read-only register, providing information to the host processor.
Table 22. Status Register
Configuration Data Register
The MPI configuration data register is a writable register in configuration mode and a readable register in readback
mode. For FPGA configuration, this is where the configuration data bytes are sequentially written by the host pro-
cessor. Similarly, for readback mode, the MPI provides the readback data bytes in this register for the host proces-
sor.
Readback Address Register 1
The MPI readback address register 1 is a writable register used to accept the least significant address byte
(bits [7:0]) of the configuration data location to be read back.
Readback Address Register 2
The MPI readback address register 2 is a writable register used to accept the most significant address byte
(bits [15:8]) of the configuration data location to be read back.
Bit #
Description
Bit 0
Reserved.
Bit 1
Data Ready. Set by the MPI, a 1 on this bit during configuration alerts the host processor that the FPGA
is ready for another byte of configuration data. During byte-wide readback, the MPI sets this bit to a 1 to
tell the host processor that a byte of configuration data is available for reading. This bit is cleared by a
host processor access (read or write) to the configuration data register.
Bit 2
IRQ
Pending. The MPI sets this bit to 1 to indicate to the host processor that the FPGA has a pending
interrupt request. This bit may be used for the host processor to poll for interrupts if the MPI_IRQ pin out-
put of the FPGA has been masked at the host processor. This bit is set to 0 when the status register is
read. Interrupt requests from the FPGA user space must be cleared in FPGA user logic in addition to
reading this bit.
Bits
[4:3]
Bit Stream Error Flags. Bits 3 and 4 are set by the MPI to indicate any error during FPGA configura-
tion. See bit 2 of control register 2 for the capability to alert the host processor of an error via the IRQ
signal during configuration. In the truth table below, bit 3 is the LSB (bit on right). These bits are cleared
to 0 when PRGM goes active:
00 = No error
01 = ID error
10 = Checksum error
11 = Stop-bit/alignment error
Bit 5
Reserved.
Bit 6
INIT.
This bit reflects the binary value of the FPGA INIT pin.
Bit 7
DONE. This bit reflects the binary value of the FPGA DONE pin.


Similar Part No. - OR3T20-5S208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T20-5S208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com