Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3C55 Datasheet(PDF) 92 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 92 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 88Page - Agere Systems OR3C55 Datasheet HTML 89Page - Agere Systems OR3C55 Datasheet HTML 90Page - Agere Systems OR3C55 Datasheet HTML 91Page - Agere Systems OR3C55 Datasheet HTML 92Page - Agere Systems OR3C55 Datasheet HTML 93Page - Agere Systems OR3C55 Datasheet HTML 94Page - Agere Systems OR3C55 Datasheet HTML 95Page - Agere Systems OR3C55 Datasheet HTML 96Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 210 page
background image
92
92
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
FPGA Configuration Modes
There are eight methods for configuring the FPGA.
Seven of the configuration modes are selected on the
M0, M1, and M2 inputs. The eighth configuration mode
is accessed through the boundary-scan interface. A
fourth input, M3, is used to select the frequency of the
internal oscillator, which is the source for CCLK in
some configuration modes. The nominal frequencies of
the internal oscillator are 1.25 MHz and 10 MHz. The
1.25 MHz frequency is selected when the M3 input is
unconnected or driven to a high state.
There are three basic FPGA configuration modes:
master, slave, and peripheral. The configuration data
can be transmitted to the FPGA serially or in parallel
bytes. As a master, the FPGA provides the control sig-
nals out to strobe data in. As a slave device, a clock is
generated externally and provided into the CCLK input.
In the three peripheral modes, the FPGA acts as a
microprocessor peripheral. Table 34 lists the functions
of the configuration mode pins. Note that two configura-
tion modes previously available on the OR2Cxx and
OR2C/TxxA devices (master parallel down and syn-
chronous peripheral) have been removed for Series 3
devices.
Table 34. Configuration Modes
* Motorola is a registered trademark of Motorola, Inc.
Master Parallel Mode
The master parallel configuration mode is generally
used to interface to industry-standard, byte-wide mem-
ory, such as the 2764 and larger EPROMs. Figure 54
provides the connections for master parallel mode. The
FPGA outputs an 18-bit address on A[17:0] to memory
and reads 1 byte of configuration data on the rising
edge of RCLK. The parallel bytes are internally serial-
ized starting with the least significant bit, D0. D[7:0] of
the FPGA can be connected to D[7:0] of the micropro-
cessor only if a standard prom file format is used. If a
.bit or .rbt file is used from ORCA Foundry, then the
user must mirror the bytes in the .bit or .rbt file OR
leave the .bit or .rbt file unchanged and connect D[7:0]
of the FPGA to D[0:7] of the microprocessor.
Figure 54. Master Parallel Configuration Schematic
In master parallel mode, the starting memory address
is 00000 Hex, and the FPGA increments the address
for each byte loaded.
One master mode FPGA can interface to the memory
and provide configuration data on DOUT to additional
FPGAs in a daisy-chain. The configuration data on
DOUT is provided synchronously with the falling edge
of CCLK. The frequency of the CCLK output is eight
times that of RCLK.
M2
M1
M0
CCLK
Configuration
Mode
Data
0
0
0
Output
Master Serial
Serial
0
0
1
Input
Slave Parallel
Parallel
0
1
0
Output
Microprocessor:
Motorola* Pow-
erPC
Parallel
0
1
1
Output
Microprocessor:
Intel i960
Parallel
1
0
0
Output
Master Parallel
Parallel
101
Output
Async Peripheral
Parallel
110
Reserved
1
1
1
Input
Slave Serial
Serial
EPROM
A[17:0]
DONE
M2
M1
M0
HDC
ORCA
SERIES
FPGA
RCLK
LDC
VDD
D[7:0]
DOUT
CCLK
TO DAISY-
CHAINED
DEVICES
VDD OR GND
PRGM
PROGRAM
A[17:0]
D[7:0]
OE
CE


Similar Part No. - OR3C55

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3C55 AGERE-OR3C55 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3C55

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com