Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XO-400-DFC-F-78.1250MHZ Datasheet(PDF) 1 Page - Vectron International, Inc

Part # XO-400-DFC-F-78.1250MHZ
Description  Crystal Oscillators ( XOs )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

XO-400-DFC-F-78.1250MHZ Datasheet(HTML) 1 Page - Vectron International, Inc

  XO-400-DFC-F-78.1250MHZ Datasheet HTML 1Page - Vectron International, Inc XO-400-DFC-F-78.1250MHZ Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Oscillators (XO’s)
XO-400
Performance Characteristics
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Description:
Vectron International has introduced a series of low
cost complementary PECL Crystal Oscillators (XO’s)
available in frequencies from 15 MHz to 250 MHz in a
standard 4 pin DIP package. This series offers ultra low
jitter of <0.5 ps rms from 12 kHz to 20 MHz bandwidth.
Features:
• Ultra low jitter
• 3.3 Vdc or 5 Vdc operation
• Complementary PECL output
• Standard 4 pin DIP package
Frequencies:
15 MHz to 250 MHz
Package Size:
20.32 x 12.70 x 10.29 mm (0.8” x 0.5” x 0.405”)
Supply Voltage:
C = 5 Vdc ±5%
D = 3.3 Vdc ±5%
Supply Current:
<80 mA
Output Type:
Complementary PECL
Output Level:
VOH (“1”) = Vcc - 1.02V min.
@ +25°CVOL (“0”) = Vcc - 1.63V max
Rise/Fall Time tr/tf:
<1.5 ns (20% to 80%)
Symmetry (Duty Cycle):
50/50 ±5% @ Vcc - 1.3V for “D”; Vcc - 3V for “C”
Internal Load:
274 ohm internal load for each output for 3.3 Vdc, 510 ohms for 5Vdc
Temperature Stability:
C-C = ±20 ppm All Causes over 0°C to +70°C
C-F = ±32 ppm All Causes over 0°C to +70°C
C-G = ±50 ppm All Causes over 0°C to +70°C
F-G = ±50 ppm All Causes over -40°C to +85°C
All Causes = Entire Temperature Range, Aging for 10 years
Initial Accuracy and Supply variation.
Jitter:
<0.5 ps rms from 12 kHz to 20 MHz BW @ 155.52 MHz
Parameter
Characteristics
68
8798_AA's Vectron
05/30/02
3:11 PM
Page 68


Similar Part No. - XO-400-DFC-F-78.1250MHZ

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
XO-400-DFC-C-155.52 VECTRON-XO-400-DFC-C-155.52 Datasheet
141Kb / 2P
   Crystal Oscillators (XO?셲)
More results

Similar Description - XO-400-DFC-F-78.1250MHZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com