Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2008D Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # SF2008D
Description  930.5 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2008D Datasheet(HTML) 4 Page - RF Monolithics, Inc

  SF2008D Datasheet HTML 1Page - RF Monolithics, Inc SF2008D Datasheet HTML 2Page - RF Monolithics, Inc SF2008D Datasheet HTML 3Page - RF Monolithics, Inc SF2008D Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
930.5 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 4 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2008D-121604
6-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.60
3.80
4.0
0.14
0.15
0.16
B
3.60
3.80
4.0
0.14
0.15
0.16
C
1.30
1.50
1.70
0.05
0.06
0.067
D
0.95
1.10
1.25
0.037
0.043
0.05
E
2.39
2.54
2.69
0.090
0.10
0.110
G
0.90
1.0
1.10
0.035
0.04
0.043
H
1.90
2.0
2.10
0.75
0.08
0.83
I
0.50
0.6
0.70
0.020
0.024
0.028
J
1.70
1.8
1.90
0.067
0.07
0.075
SM3838-6 Case
TOP VIEW
BOTTOM VIEW
0.055 TYP.
(1.40)
0.036
(0.91)
0.066
(1.68)
0.176 REF.
(4.47)
PCB Footprint
1
2
3
6
5
4
1
2
3
6
5
4
A
B
C
D
J
E
G
H
I
Materials
Solder Pad
Termination
Au plating 30 - 60 µinches (76.2-152 µm) over 80-200
µinches (203-508 µm) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11% Phos-
phorus) 100-200 µinches Thick
Body
Al2O3 Ceramic
Pb Free
Electrical Connections
Connection
Terminals
Port 1
Single Ended Input
2
Port 2
Single Ended Output
5
Ground
All others
Single Ended Operation Only
Dot indicates Pin 1


Similar Part No. - SF2008D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2008D MURATA-SF2008D Datasheet
134Kb / 4P
   930.5 MHz SAW Filter
More results

Similar Description - SF2008D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA930H1 TAI-SAW-TA930H1 Datasheet
193Kb / 5P
   SAW Filter 930.5 MHz
logo
Murata Manufacturing Co...
SF2008D MURATA-SF2008D Datasheet
134Kb / 4P
   930.5 MHz SAW Filter
logo
Abracon Corporation
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
   SMD 930.5 MHz SAW FILTER
6.21.07
logo
TAI-SAW TECHNOLOGY CO.,...
TA930GC TAI-SAW-TA930GC Datasheet
403Kb / 6P
   SAW Filter 930.5 MHz for Pager
logo
Oscilent Corporation
803-RF930.5M-A OSCILENT-803-RF930.5M-A Datasheet
181Kb / 2P
   930.5 MHz RF Low Loss SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0610A TAI-SAW-TA0610A Datasheet
318Kb / 6P
   SAW Filter 930.5 MHz SMD 3.8X3.8 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com