Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1146B Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF1146B
Description  499.25 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1146B Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF1146B Datasheet HTML 1Page - RF Monolithics, Inc SF1146B Datasheet HTML 2Page - RF Monolithics, Inc SF1146B Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1146B-121604
Notes:
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to
50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external impedance
matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Tape and Reel Standard ANSI / EIA 481.
7.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port 2, so that
the filter must always be installed in one direction per the circuit design.
8.
US and international patents may apply.
9.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
10.
©Copyright 1999, RF Monolithics Inc.
11.
Electrostatic Sensitive Device. Observe precautions for handling.
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
499.25
MHz
Passband
Insertion Loss at fc
IL
3.5
dB
1.5 dB Passband
BW1
1, 2
±15
kHz
4.0 dB Passband
30
MHz
Group Delay Variation over fc ±250 kHz
GDV
177
250
nsP-P
Rejection
fc±1.5 MHz
1, 2, 3
5
dB
fc±6.0 MHz
20
fc±50 MHz
50
Operating Temperature Range
TA
1
-40
+85
°C
Differential Input and Output Impedance after matching
50 ohms
Case Style
6
SMP-03 7 x 5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week, S=shift) See note 4
RFM SF1146B YYWWS
SMP-03
Low Insertion Loss
5.0 X 7.0 mm Surface-Mount Case
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for lead-free soldering - Max Soldering Profile
260°C for 30 s
499.25 MHz
SAW Filter
SF1146B
Connection
Terminals
Port 1 Hot
10
Port 1 Ground Return
1
Port 2 Hot
5
Port 2 Ground Return
6
Case Ground
All Others
Electrical Connections


Similar Part No. - SF1146B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1146B MURATA-SF1146B Datasheet
167Kb / 3P
   499.25 MHz SAW Filter
More results

Similar Description - SF1146B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1080A MURATA-SF1080A Datasheet
150Kb / 3P
   499.25 MHz SAW Filter
logo
RF Monolithics, Inc
SF1080A RFM-SF1080A Datasheet
265Kb / 9P
   499.25 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1146B MURATA-SF1146B Datasheet
167Kb / 3P
   499.25 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0524A TAI-SAW-TA0524A Datasheet
341Kb / 6P
   SAW Filter 499.25 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
MA09431 GOLLEDGE-MA09431 Datasheet
150Kb / 5P
   SAW Filter 499.25 MHz SMD 5X5 mm
logo
TriQuint Semiconductor
855104 TRIQUINT-855104 Datasheet
40Kb / 1P
   499.25 MHz Bandpass Filter
855104 TRIQUINT-855104_15 Datasheet
42Kb / 1P
   499.25 MHz Bandpass Filter 1 MHz Bandwidth
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com