Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1133A Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF1133A
Description  246 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1133A Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF1133A Datasheet HTML 1Page - RF Monolithics, Inc SF1133A Datasheet HTML 2Page - RF Monolithics, Inc SF1133A Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
246.000 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1133A-121604
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
8.86
9.09
9.40
0.349
0.358
0.370
B
6.88
7.11
7.40
0.271
0.280
0.291
C
1.91
2.00
0.075
0.079
D
0.99
0.039
E
0.79
0.031
H
1.0
0.039
P
2.54
0.100
10-Terminal Ceramic Surface-Mount Case
9.1 x 7.1 mm Nominal Footprint
SM9171-10 Case
Electrical Connections
Connection
Terminals
Port 1
Input or Return
6
Return or Input
5
Port 2
Output or Return
1
Return or Output
10
Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot
Materials
Solder Pad
Termination
Au plating 30 - 60 µinches (76.2-152 µm) over 80-
200 µinches (203-508 µm) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11%
Phosphorus) 100-200 µinches Thick
Body
Al2O3 Ceramic
Pb Free
B
A
C
H
E
(10 Places)
P
(10 Places) D
6
5
4
3
2
1
10
9
8
7
1
10
9
6
5
4
2
3
8
7


Similar Part No. - SF1133A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SF1133-6009 AMPHENOL-SF1133-6009 Datasheet
91Kb / 1P
   1.85 mm MALE TO MALE ADAPTER
SF1133-6019 AMPHENOL-SF1133-6019 Datasheet
101Kb / 1P
   ADAPTER 1.85mm FEMALE TO 2.92mm MALE
SF1133-6020 AMPHENOL-SF1133-6020 Datasheet
88Kb / 1P
   ADAPTER 1.85mm MALE TO 2.92mm FEMALE
SF1133-6021 AMPHENOL-SF1133-6021 Datasheet
85Kb / 1P
   ADAPTER 1.85mm FEMALE TO 2.92mm FEMALE
SF1133-6022 AMPHENOL-SF1133-6022 Datasheet
88Kb / 1P
   ADAPTER 1.85mm MALE TO 2.92mm FEMALE
More results

Similar Description - SF1133A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1472A TAI-SAW-TA1472A Datasheet
475Kb / 7P
   SAW Filter 246 MHz
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
logo
API Technologies Corp
SF0246BA02631S APITECH-SF0246BA02631S Datasheet
110Kb / 3P
   246 MHz SAW Filter 200 KHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
TB1320A TAI-SAW-TB1320A Datasheet
354Kb / 7P
   246 MHz 240kHzBW SMD 7.0X5.0 mm IF SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com